Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 33 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 33 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 29Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 30Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 31Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 32Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 33Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 34Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 35Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 36Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 37Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 139 page
background image
April 2008
Datasheet
309823-10
33
Numonyx™ StrataFlash® Cellular Memory (M18)
4.4
Signal Descriptions x16C
Table 8:
Signal Descriptions for x16C / x16C AD-Mux / x16C AA/D-Mux Ballout (Sheet 1
of 3)
Symbol
Type
Signal Descriptions
Notes
Address and Data Signals, Non-Mux
A[MAX:0]
Input
ADDRESS: Global device signals.
Shared address inputs for all memory die during Read and Write operations.
• 4-Gbit: AMAX = A27• 128-Mbit: AMAX = A22
• 2-Gbit: AMAX = A26• 64-Mbit: AMAX = A21
• 1-Gbit: AMAX = A25• 32-Mbit: AMAX = A20
• 512-Mbit: AMAX = A24• 16-Mbit: AMAX = A19
• 256-Mbit: AMAX = A23• 8-Mbit: AMAX = A18
Unused address inputs should be treated as RFU.
DQ[15:0]
Input /
Output
DATA INPUT/OUTPUTS: Global device signals.
Inputs data and commands during Write cycles, outputs data during Read cycles. Data signals
are High-Z when the device is deselected or its output is disabled.
ADV#
Input
ADDRESS VALID: Flash- and Synchronous PSRAM-specific signal; low-true input.
During synchronous flash Read operations, the address is latched on the rising edge of F-ADV#,
or on the first rising edge of F-CLK after F-ADV# goes low for devices that support up to 108
MHz, or on the last rising edge of F-CLK after F-ADV# goes low for devices that support up to
133 MHz.
In an asynchronous flash Read operation, the address is latched on the rising edge of ADV# or
continuously flows through while ADV# is low.
Address and Data Signals, AD-Mux
A[MAX:16]
Input
ADDRESS: Global device signals.
Shared address inputs for all memory die during Read and Write operations.
• 4-Gbit: AMAX = A27• 128-Mbit: AMAX = A22
• 2-Gbit: AMAX = A26• 64-Mbit: AMAX = A21
• 1-Gbit: AMAX = A25• 32-Mbit: AMAX = A20
• 512-Mbit: AMAX = A24• 16-Mbit: AMAX = A19
• 256-Mbit: AMAX = A23• 8-Mbit: AMAX = A18
Unused address inputs should be treated as RFU.
AD[15:0]
Input /
Output
ADDRESS-DATA MULTIPLEXED INPUTS/ OUTPUTS: Global device signals.
During AD-Mux Write cycles, AD[15:0] are used to input the lower address followed by
commands or data. During AD-Mux Read cycles, AD[15:0] are used to input the lower address
followed by read-data output.
During NAND accesses, AD[7:0] is used to input commands, address-data, or write-data, and
output read-data.
AD[15:0] are High-Z when the device is deselected or its output is disabled.
ADV#
Input
ADDRESS VALID: Flash- and Synchronous PSRAM-specific signal; low-true input.
During synchronous flash Read operations, the address is latched on the rising edge of F-ADV#,
or on the first rising edge of F-CLK after F-ADV# goes low for devices that support up to 108
MHz, or on the last rising edge of F-CLK after F-ADV# goes low for devices that support up to
133 MHz.
In an asynchronous flash Read operation, the address is latched on the rising edge of ADV#.
Address and Data Signals, AAD-Mux
AD[15:0]
Input /
Output
ADDRESS-DATA MULTIPLEXED INPUTS/ OUTPUTS: Global device signals.
During AAD-Mux flash Write cycles, AD[15:0] are used to input the upper address, lower
address, and commands or data. During AAD-Mux flash Read cycles, AD[15:0] are used to
input the upper address and lower address, and output read-data.
During NAND accesses, AD[7:0] is used to input commands, address-data, or write-data, and
output read-data.
AD[15:0] are High-Z when the device is deselected or its output is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com