Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 40 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 40 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 36Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 37Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 38Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 39Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 40Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 41Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 42Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 43Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 44Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
40
309823-10
N-R/B#
Output
NAND READY/BUSY: NAND-specific signal; low-true output.
• When low, N-RY/BY# indicates the NAND device is busy performing a read, program, or
erase operations.
• When high, N-RY/BY# indicates the NAND device is ready.
1
N-RE#
Output
NAND READ ENABLE: NAND-specific signal; drives the data onto the flash bus after the falling
edge of N-RE#.
This signal increments the internal column address and reads out each data.
1
D-CKE
Input
LPSDRAM CLOCK ENABLE: LPSDRAM-specific signal; high-true input.
• When high, D-CKE indicates that the next D-CLK edge is valid.
• When low, D-CKE indicates that the next D-CLK edge is invalid and the selected LPSDRAM
die is suspended.
1
D-BA[1:0]
Input
LPSDRAM BANK SELECT: LPSDRAM-specific input signals.
D-BA[1:0] selects one of four banks in the LPSDRAM die.
1
D-RAS#
Input
LPSDRAM ROW ADDRESS STROBE: LPSDRAM-specific signal; low-true input.
D-RAS#, together with A[MAX:0], D-BA[1:0], D-CKE, D-CS#, D-CAS#, and D-WE#, define
the LPSDRAM command or operation. D-RAS# is sampled on the rising edge of D-CLK.
1
D-CAS#
Input
LPSDRAM COLUMN ADDRESS STROBE: LPSDRAM-specific signal; low-true input.
D-CAS#, together with A[MAX:0], D-BA[1:0], D-CKE, D-CS#, D-RAS#, and D-WE#, define
the LPSDRAM command or operation. D-CAS# is sampled on the rising edge of D-CLK.
1
D[2:1]-CE#
Input
LPSDRAM CHIP ENABLE: LPSDRAM-specific signal; low-true input.
When low, D-CS# selects the associated LPSDRAM memory die and starts the command input
cycle.
When D-CS# is high, commands are ignored but operations continue.
• D-CS#, together with A[MAX:0], D-BA[1:0], D-CKE, D-RAS#, D-CAS#, and D-WE#,
define the LPSDRAM command or operation. D-CS# is sampled on the rising edge of D-
CLK.
• D[2:1]-CS# are dedicated to LPSDRAM die #2 and die #1, respectively, if present.
Otherwise, treat any unused LPSDRAM chip selects as RFU.
1
D-DM[1:0]
Input
LPSDRAM DATA MASK: LPSDRAM-specific signal; high-true input.
When high, D-DM[1:0] controls masking of input data during writes and output data during
reads.
• D-DM1 corresponds to the data on DQ[15:8].
• D-DM0 corresponds to the data on DQ[7:0].
1
D-DQS1
D-DQS0
Input /
Output
LPSDRAM UPPER/LOWER DATA STROBE: DDR LPSDRAM-specific input/output signals.
D-DQS1 and D-DQS0 provide as output the read data strobes, and as input the write data
strobes.
• D-DQS1 corresponds to the data on DQ[15:8].
• D-DQS0 corresponds to the data on DQ[7:0].
1
S-CS1#
S-CS2#
Input
SRAM CHIP SELECTS: SRAM-specific signals.
• S-CS1# low-true input.
• S-CS2# high-true input.
• When both are asserted, S-CS1# and S-CS2 select the SRAM die.
• When either is deasserted, the SRAM die is deselected and its power is reduced to
standby levels.
3
S-UB#
S-LB#
Input
SRAM UPPER/LOWER BYTE ENABLES: SRAM-specific signals; low-true inputs.
• When low, S-UB# enables DQ[15:8] and S-LB# enables DQ[7:0] during SRAM read and
write cycles.
• When high, S-UB# masks DQ[15:8] and S-LB# masks DQ[7:0].
2,3
Power Signals
F-VPP
Power
FLASH PROGRAM/ERASE VOLTAGE: Flash specific.
F-VPP supplies program or erase power to the flash die.
Table 9:
Signal Descriptions, x16 Split Bus, Non-Mux (Sheet 3 of 4)
Symbol
Type
Signal Descriptions
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com