Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 100 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 100 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 96Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 97Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 98Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 99Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 100Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 101Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 102Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 103Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 104Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
100
309823-10
10.0
Device Command Codes
Table 48: Command Bus Operations
Command
Code
(Setup/Confirm)
Description
Program Read
Configuration Register
0060h/0003h
Issuing this command sequence programs the Read Configuration
Register. The RCR value is placed on the address bus.
Program Enhanced
Configuration Register
0060h/0004h
Issuing this command sequence programs the Enhanced
Configuration Register. The ECR value is placed on the address
bus.
Program OTP Register
00C0h
Issuing this command programs the Protection Registers or the
Lock Registers associated with them.
Read Array
00FFh
Issuing this command places the addressed partition in Read Array
mode. Subsequent reads outputs array data.
Read Status Register
0070h
Issuing this command places the addressed partition in Read
Status mode. Subsequent reads outputs Status Register data.
Clear Status Register
0050h
Issuing this command clears all error bits in the Status Register.
Read Device Information
0090h
Issuing this command places the addressed partition in Read
Device Information mode. Subsequent reads from specified
address offsets outputs unique device information.
CFI Query
0098h
Issuing this command places the addressed partition in CFI Query
mode. Subsequent reads from specified address offsets outputs
CFI data.
Word Program
0041h
This command prepares the device for programming a single word
into the flash array. On the next bus write cycle, the address and
data are latched and written to the flash array. The addressed
partition automatically switches to Read Status Register mode.
Buffered Program
00E9h/00D0h
This command sequence initiates and executes a buffered
programming operation. Additional bus write/read cycles are
required between the setup and confirm commands to properly
perform this operation. The addressed partition automatically
switches to Read Status Register mode.
Buffered Enhanced Factory
Program
0080h/00D0h
This command sequence initiates and executes a BEFP operation.
Additional bus write/read cycles are required after the confirm
command to properly perform the operation. The addressed
partition automatically switches to Read Status Register mode.
Block Erase
0020h/00D0h
Issuing this command sequence erases the addressed block. The
addressed partition automatically switches to Read Status mode.
Program/Erase Suspend
00B0h
Issuing this command to any device address initiates a suspend of
a program or block-erase operation already in progress. SR6 = 1
indicates erase suspend, and SR2 = 1 indicates program suspend.
Program/Erase Resume
00D0h
Issuing this command to any device address resumes a suspended
program or block-erase operation. A program suspend nested
within an erase suspend is resumed first.
Blank Check
00BCh/00D0h
This command sequence initiates the blank check operation on a
block.
Lock Block
0060h/0001h
Issuing this command sequence sets the lock bit of the addressed
block.
Unlock Block
0060h/00D0h
Issuing this command sequence clears the lock bit of the
addressed block.
Lock Down Block
0060h/002Fh
Issuing this command sequence locks down the addressed block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com