Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 88 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 88 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 84Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 85Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 86Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 87Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 88Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 89Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 90Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 91Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 92Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
88
309823-10
9.6
Programming Operations
Programming the flash array changes ‘ones’ to ‘zeros’. To change zeros to ones, an
Erase operation must be performed. Only one programming operation can occur at a
time. Programming is permitted during Erase Suspend.
Information is programmed into the flash array by issuing the appropriate command.
Table 39, “Programming Commands Bus Cycles” shows the two-cycle command
sequences used for programming.
Caution:
All programming operations require the addressed block to be unlocked, and a
valid VPP voltage applied throughout the programming operation. Otherwise,
the programming operation will abort, setting the appropriate Status Register
error bit(s).
The following sections describe each programming method.
9.6.1
Single-Word Programming
Main array programming is performed by first issuing the Single-Word Program
command. This is followed by writing the desired data at the desired array address. The
read mode of the addressed partition is automatically changed to Read Status Register
mode, which remains in effect until another read-mode command is issued.
Table 38: Programming Region Next State Table
Current State of
Programming
Region
Command Issued
0041h to B-half
(A3 = 1)
0041h to A-half
(A3 = 0)
00E9h to B-half
(A3 = 1)
00E9h to A-half
(A3 = 0)
Erased
Program Fail; Illegal
Command
SR[4,8,9] = 1
Program Successful
SR[4,8,9] = 0
Region configured to
Control Mode
Program Successful
SR[4,8,9] = 0
Region configured to
Object Mode
Program Successful
SR[4,8,9] = 0
Region configured to
Control Mode
Control Mode
Program Successful
SR[4,8,9] = 0
Program Fail;
Object data to Control
mode region
SR[4,9] = 1
SR8 = 0
Program Successful
SR[4,8,9] = 0
Object Mode
Program Fail; Rewrite to Object mode region
SR[4,8] = 1
SR9 = 0
Table 39: Programming Commands Bus Cycles
Command
Setup Write Cycle
Confirm Write Cycle
Address Bus
Data Bus
Address Bus
Data Bus
Single-Word Program
Device Address
0041h
Device Address
Array Data
Buffered Program
Device Address
00E9h
Device Address
00D0h
Buffered Enhanced Factory Program
Device Address
0080h
Device Address
00D0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com