Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 75 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 75 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 71Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 72Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 73Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 74Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 75Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 76Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 77Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 78Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 79Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 139 page
background image
April 2008
Datasheet
309823-10
75
Numonyx™ StrataFlash® Cellular Memory (M18)
8.7.1
Read Operation During Program Buffer fill
Due to the large buffer size of devices, the system interrupt latency may be impacted
during the buffer fill phase of a buffered programming operation. Please refer to the
relevant Application Note listed in Section 1.4, “Additional Information” on page 7 to
implement a software solution for your system.
8.8
Read-to-Write and Write-to-Read Bus Transitions
Consecutive read and write bus cycles must be properly separated from each other to
avoid bus contention. These cycle separation specs are described in the sections below.
8.8.1
Write to Asynchronous read transition
To transition from a bus write to an asynchronous read operation, either CE# or ADV#
must be toggled after WE# goes high.
8.8.2
Write to synchronous read transition
To transition from a bus write to a synchronous read operation, either CE# or ADV#
must be toggled after WE# goes high. In addition, W19 (tWHCH -WE# high to CLK high)
must be met.
8.8.3
Asynchronous/Synchronous read to write transition
To transition from a asynchronous/synchronous read to a write operation, either CE# or
ADV# must be toggled after OE# goes high.
8.8.4
Bus write with active clock
To perform a bus write when the device is in synchronous mode and the clock is active,
W21 (tVHWL- ADV# High to WE# Low) or W22 (tCHWL -Clock high to WE# low) must be
met.
Figure 45: Operating Mode with Illegal Command Sequence Example
Partition A
Partition B
Partition A
Partition A
0x20
0xFF
0xD0
SR[7:0]
Address [A]
WE# [W]
OE# [G]
Data [D/Q]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com