Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 85 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 85 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 81Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 82Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 83Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 84Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 85Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 86Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 87Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 88Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 89Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 139 page
background image
April 2008
Datasheet
309823-10
85
Numonyx™ StrataFlash® Cellular Memory (M18)
9.5.2
Object Mode
Object mode programming is invoked when one or more bits are programmed to zero
in the B-half of the programming region (A3 = 1). Object mode allows up to 1KB to be
stored in a programming region. Multiple regions are used to store more than 1Kbyte of
information. If the object is less than 1Kbyte, the unused content will remain as 0xFFFF
(erased).
Object Mode supports two programming methods:
— Buffered Programming (00E9h/00D0h), and
— Buffered Enhanced Factory Programming (0080h/00D0h)
Figure 47: Configurable Programming Regions: Control Mode and Object Mode
..
Main Array
256 KBytes
256 KBytes
256 KBytes
..
256 KBytes
256 KBytes
..
..
.
..
.
..
.
..
.
..
.
256 KBytes
256 KBytes
256 KBytes
..
256-Kbyte Block
Programming region in Object Mode
Programming region in Control Mode
512 Bytes
A half
(Control
Mode )
1 KByte
Address Bit A3 = 1: Allows up to 512
Bytes of data to be programmed to
the A half by bit, byte, or word.
512 Bytes
B half
(Erased)
Address Bit A3 = 0: Allows up to 1
KByte of data to be programmed .
Programming region in Object Mode
Programming region in Object Mode
1 KByte
1 KByte
..
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com