Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 45 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 45 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 41Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 42Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 43Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 44Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 45Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 46Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 47Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 48Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 49Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 139 page
background image
April 2008
Datasheet
309823-10
45
Numonyx™ StrataFlash® Cellular Memory (M18)
IDPD
DPD
2
30
µA
VCC = VCC Max
VCCQ = VCCQ Max
CE# = VCCQ
RST# = VCCQ
ECR[15] = VCCQ
DPD = VCCQ or VSSQ
All inputs are at rail to
rail (VCCQ or VSSQ).
8
ICCR
Average VCC Read: Asynchronous Single Word Read
f = 5 MHz, (1 CLK)
25
30
mA
VCC = VCCMAX
CE# = VIL
OE# = VIH
Inputs: VIL or VIH
1,3,4,5
ICCR
Average VCC Read:
Page Mode Read
f = 13 MHz, (17 CLK)
Burst = 16 Word
11
15
mA
VCC = VCCMAX
CE# = VIL
OE# = VIH
Inputs: VIL or VIH
1,3,4,5
ICCR
Average VCC Read:
Synchronous Burst Read
f = 66 MHz, LC = 7
Burst = 8 Word
22
32
mA
VCC = VCCMAX
CE# = VIL
OE# = VIH
Inputs: VIL or VIH
1,3,4,5
Burst = 16 Word
19
26
mA
Burst = Continuous
25
34
mA
ICCR
Average VCC Read:
Synchronous Burst Read
f = 108 MHz, LC = 10
Burst = 8 Word
26
36
mA
VCC = VCCMAX
CE# = VIL
OE# = VIH
Inputs: VIL or VIH
1,3,4,5
Burst = 16 Word
23
30
mA
Burst = Continuous
30
42
mA
ICCR
Average VCC Read:
Synchronous Burst Read
f = 133 MHz, LC = 13
Burst = 8 Word
26
35
mA
VCC = VCCMAX
CE# = VIL
OE# = VIH
Inputs: VIL or VIH
1,3,4,5
Burst = 16 Word
24
33
mA
Burst = Continuous
33
46
mA
ICCW,
ICCE
ICCBC
VCC Program
VCC Erase
VCC Blank Check
35
50
mA
VPP = VPPL or VPP =
VPPH, program/erase in
progress
1,3,4,
5,7
ICCWS,
ICCES
VCC Program Suspend
VCC Erase Suspend
90
256
512
35
50
95
120
µA
CE# = VCCQ; suspend in
progress
1,3,6
65
128
256
512
1,024
45
50
60
70
115
130
160
185
IPPS,
IPPWS,
IPPES
VPP Standby
VPP Program Suspend
VPP Erase Suspend
0.25µA
VPP = VPPL; suspend in
progress
3
IPPR
VPP Read
2
15
µA
VPP ≤ VCC
3
IPPW
VPP Program
0.05
0.1
mA
VPP = VPPL = VPPH,
program in progress
3
Table 13: DC Current Specifications (Sheet 2 of 3)
Sym
Parameter
Litho
(nm)
Density
(Mbit)
1.7 V – 2.0 V
Unit
Test Conditions
Notes
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com