Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 35 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 35 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 31Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 32Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 33Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 34Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 35Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 36Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 37Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 38Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 39Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 139 page
background image
April 2008
Datasheet
309823-10
35
Numonyx™ StrataFlash® Cellular Memory (M18)
N-ALE
Input
NAND ADDRESS LATCH ENABLE: NAND-specific signal; high-true input.
When high, N-ALE enables addresses to be latched on the rising edge of N-WE#.
1
N-RE#
Input
NAND READ ENABLE: NAND-specific signal; low-true input.
When low, N-RE# enables the output drivers of the selected NAND die. When high, N-RE#
disables the output drivers of the selected NAND die and places the output drivers in High-Z.
1, 2
N-RY/BY#
Output
NAND READY/BUSY: NAND-specific signal; low-true output.
When low, N-RY/BY# indicates the NAND is busy performing a Read, Program, or Erase
operation. When high, N-RY/BY# indicates the NAND device is ready.
1
N-WE#
Input
NAND WRITE ENABLE: NAND-specific signal; low-true input.
When low, N-WE# enables Write operations for the enabled NAND die.
1, 4
P-CRE
Input
PSRAM CONTROL REGISTER ENABLE: Synchronous PSRAM-specific signal; high-true input.
When high, P-CRE enables access to the Refresh Control Register (P-RCR) or Bus Control
Register (P-BCR). When low, P-CRE enables normal Read or Write operations.
1, 3
P-MODE#
Input
PSRAM MODE#: Asynchronous only PSRAM-specific signal; low-true input.
When low, P-MODE# enables access to the configuration register, and to enter or exit Low-
Power mode. When high, P-MODE# enables normal Read or Write operations.
1, 3
P[2:1]-CS#
Input
PSRAM CHIP SELECT: PSRAM-specific signal; low-true input.
When low, P-CS# selects the associated PSRAM memory die. When high, P-CS# deselects the
associated PSRAM die. PSRAM die power is reduced to standby levels, and its data and WAIT
outputs are placed in a High-Z state.
• P1-CS# is dedicated to PSRAM die #1.
• P2-CS# IS dedicated to PSRAM die #2. Otherwise, any unused PSRAM chip select should be
treated as RFU.
1
S-CS1#
S-CS2
Input
SRAM CHIP SELECTS: SRAM-specific signals; S-CS1# low-true input, S-CS2 high-true input.
When both S-CS1# and S-CS2 are asserted, the SRAM die is selected. When either S-CS1# or
S-CS2 is deasserted, the SRAM die is deselected.
1, 4
R-UB#
R-LB#
Input
RAM UPPER/LOWER BYTE ENABLES: PSRAM- and SRAM-specific signals; low-true inputs.
When low, R-UB# enables DQ[15:8] and R-LB# enables DQ[7:0] during PSRAM or SRAM Read
and Write cycles. When high, R-UB# masks DQ[15:8] and R-LB# masks DQ[7:0].
1
Power Signals
F-VPP
Power
FLASH PROGRAM/ERASE VOLTAGE: Flash specific.
F-VPP supplies program or erase power to the flash die.
F[2:1]-VCC
Power
FLASH CORE POWER SUPPLY: Flash specific.
F[2:1]-VCC supplies the core power to the flash die.
For NOR/NAND stacked device, F1-VCC is dedicated for all NOR dies, F2-VCC is dedicated for all
NAND dies.
5
VCCQ
Power
I/O POWER SUPPLY: Global device I/O power.
VCCQ supplies the device input/output driver voltage.
P-VCC
Power
PSRAM CORE POWER SUPPLY: PSRAM specific.
P-VCC supplies the core power to the PSRAM die.
1
S-VCC
Power
SRAM POWER SUPPLY: SRAM specific.
S-VCC supplies the core power to the SRAM die.
1
VSS
Groun
d
DEVICE GROUND: Global ground reference for all signals and power supplies.
Connect all VSS balls to system ground. Do not float any VSS connections.
DU
—
DO NOT USE:
Ball should not be connected to any power supplies, signals, or other balls. Ball can be left
floating.
RFU
—
RESERVED for FUTURE USE:
Reserved by Numonyx for future device functionality and enhancement. Ball must be left
floating.
Table 8:
Signal Descriptions for x16C / x16C AD-Mux / x16C AA/D-Mux Ballout (Sheet 3
of 3)
Symbol
Type
Signal Descriptions
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com