Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 70 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 70 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 66Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 67Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 68Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 69Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 70Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 71Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 72Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 73Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 74Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
70
309823-10
Note:
DPD pin is low-true (ECR14 = 0)
Note:
DPD pin is low-true (ECR14 = 0)
S2
tEHSH (tEHSL)
CE# high to DPD asserted
0
—
µs
1,2
S3
tSHEL (tSLEL)
DPD deasserted to CE# low
75
—
1,2
S4
tPHEL
RST# high during DPD state to CE# low (DPD
deasserted to CE# low)
75
—
1,2
Notes:
1.
These specifications are valid for all device versions (packages and speeds).
2.
Sampled, but not 100% tested.
3.
DPD must remain asserted for the duration of Deep Power Down mode. DPD current levels are achieved 40 µs after
entering the DPD mode.
Figure 41: Deep Power Down Operation Timing
Table 26: Deep Power Down Specifications (Sheet 2 of 2)
Nbr.
Symbol
Parameter
Min
Max
Unit
Notes
S3
S1
S2
DPD [S]
CE# [E]
RST# [P]
Figure 42: Reset During Deep Power Down Operation Timing
S4
S2
RST# [P]
DPD [S]
CE# [E]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com