Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 78 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 78 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 74Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 75Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 76Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 77Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 78Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 79Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 80Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 81Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 82Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
78
309823-10
Upon power-up or exit from reset, the Read Configuration Register defaults to
asynchronous mode (RCR15 = 1; RCR[14:11] and RCR[9:0] are ignored).
To read the RCR value, issue the Read Device Information command to the desired
partition. Subsequent reads from the <partition base address> + 05h will output
RCR[15:0] on the data bus.
When using a Latency Count of Code 2 and a Data Hold of two cycles (CR9 = 1), WAIT
must be configured to deassert with valid data (CR8 = 0).
9.2.1
Latency Count
The Latency Count value programmed into RCR[14:11] is the number of valid CLK
edges from address-latch to the start of the data-output delay. When the Latency
Count has been satisfied, output data is driven after tCHQV.
Table 31: Read Configuration Register Bit Definitions
Read Configuration Register (RCR)
Default: CR15 = 1
Read
Mode
Latency Count
WAIT
Polarity
R
WAIT
Delay
Reserved
Burst Length
15
14
13
12
11
10
9
8
7:3
2
1
0
Bit
Name
Description
15
Read Mode
0 = Synchronous burst-mode reads
1 = Asynchronous page-mode reads (default)
14:11
Latency Count
Bits: 141312 11
001 1= 3
010 0= 4
010 1= 5
011 0= 6
011 1= 7
100 0= 8
100 1= 9
101 0= 10
101 1= 11
110 0= 12
(Other bit settings are reserved)
10
WAIT Polarity
0 = WAIT signal is active low (default)
1 = WAIT signal is active high
9
Reserved
Write 0 to reserved bits
8WAIT Delay
0 = WAIT de-asserted with valid data
1 = WAIT de-asserted one cycle before valid data (default)
7:3
Reserved
Write 0 to reserved bits
2:0
Burst Length
010= 8-word burst (wrap only)
011= 16-word burst (wrap only)
111= Continuous-word burst (no-wrap; default) (Other bit settings
are reserved)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com