Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 34 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 34 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 30Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 31Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 32Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 33Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 34Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 35Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 36Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 37Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 38Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
34
309823-10
F-ADV2#
ADV#
Input
FLASH ADDRESS VALID: Flash-specific signal; low-true input.
During AAD-Mux flash accesses, the upper address is latched on the valid edge of CLK while
F-ADV2# is low; the lower address is latched on the valid edge of CLK while ADV# is low.
The upper address is always latched first, followed by the lower address.
Control Signals
F[4:1]-CE#
Input
FLASH CHIP ENABLE: Flash-specific signal; low-true input.
When low, F-CE# selects the associated flash memory die. When high, F-CE# deselects the
associated flash die. Flash die power is reduced to standby levels, and its data and F-WAIT
outputs are placed in a High-Z state.
• F1-CE# is dedicated to flash die #1.
• F[4:2]-CE# are dedicated to flash die #4 through #2, respectively, if present. Otherwise,
any unused flash chip enable should be treated as RFU.
• For NOR/NAND stacked device, F1-CE# selects NOR die #1, F2-CE# selects NOR die #2
while F4-CE# selects NAND die #1 and NAND die #2 using virtual chip-select scheme, F3-
CE# selects NAND die #3 if present.
CLK
Input
CLOCK: Flash- and Synchronous PSRAM-specific input signal.
CLK synchronizes the flash and/or synchronous PSRAM with the system clock during
synchronous operations.
F[2:1]-OE#
Input
FLASH OUTPUT ENABLE: Flash-specific signal; low-true input.
When low, F-OE# enables the output drivers of the selected flash die. When high, F-OE#
disables the output drivers of the selected flash die and places the output drivers in High-Z.
• For NOR only stacked device, F[2:1]-OE# are common to all NOR dies in the device.
• For NOR/NAND stacked device, F1-OE# enables all NOR dies, F2-OE# selects all NAND dies
if present.
2
R-OE#
Input
RAM OUTPUT ENABLE: PSRAM- and SRAM-specific signal; low-true input.
When low, R-OE# enables the output drivers of the selected memory die. When high, R-OE#
disables the output drivers of the selected memory die and places the output drivers in High-Z.
1
F-RST#
Input
FLASH RESET: Flash-specific signal; low-true input.
When low, F-RST# resets internal operations and inhibits writes. When high, F-RST# enables
normal operation.
WAIT
Output
WAIT: Flash -and Synchronous PSRAM-specific signal; configurable true-level output.
When asserted, WAIT indicates invalid output data. When deasserted, WAIT indicates valid
output data.
• WAIT is driven whenever the flash or the synchronous PSRAM is selected and its output
enable is low.
• WAIT is High-Z whenever flash or the synchronous PSRAM is deselected, or its output
enable is high.
F-WE#
Input
FLASH WRITE ENABLE: Flash-specific signal; low-true input.
When low, F-WE# enables Write operations for the enabled flash die. Address and data are
latched on the rising edge of F-WE#.
R-WE#
Input
RAM WRITE ENABLE: PSRAM- and SRAM-specific signal; low-true input.
When low, R-WE# enables Write operations for the selected memory die. Data is latched on the
rising edge of R-WE#.
1
F-WP[2:1]#
Input
FLASH WRITE PROTECT: Flash-specific signals; low-true inputs.
When low, F-WP# enables the Lock-Down mechanism. When high, F-WP# overrides the Lock-
Down function, enabling locked-down blocks to be unlocked with the Unlock command.
• F-WP1# is dedicated to flash die #1.
• F-WP2# is common to all other flash dies, if present. Otherwise it is RFU.
• For NOR/NAND stacked device, F-WP1# selects all NOR dies, while F-WP2# selects all
NAND dies.
F-DPD
Input
FLASH DEEP POWER-DOWN: Flash-specific signal; configurable-true input.
When enabled in the ECR, F-DPD is used to enter and exit Deep Power-Down mode.
N-CLE
Input
NAND COMMAND LATCH ENABLE: NAND-specific signal; high-true input.
When high, N-CLE enables commands to be latched on the rising edge of N-WE#.
1
Table 8:
Signal Descriptions for x16C / x16C AD-Mux / x16C AA/D-Mux Ballout (Sheet 2
of 3)
Symbol
Type
Signal Descriptions
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com