Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 94 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 94 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 90Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 91Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 92Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 93Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 94Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 95Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 96Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 97Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 98Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
94
309823-10
The program or erase operation suspends at pre-determined points during the
operation after a delay of tSUSP. Suspend is achieved when SR[7,6] = 1 (erase-
suspend) or SR[7,2] = 1 (program-suspend).
Note:
Throughout the Block Erase Suspend or Program Suspend period, the addressed block
must remain unlocked and a valid voltage applied to VPP. Otherwise, the erase or
program operation will abort, setting the appropriate Status Register error bit(s). Also,
WP# must remain unchanged.
Asserting RST# aborts suspended block-erase and programming operations -- array
contents at the addressed locations are indeterminate. The addressed block should be
erased, and the data re-programmed.
Not all commands are allowed when the device is suspended. Table 44 shows which
device commands are allowed during Program Suspend or Erase Suspend.
During Suspend, reading from a block that is being erased or programmed is not
allowed. Also, programming to a block that is in erase-suspend state is not allowed,
and if attempted, will result in Status Register program error to be set (SR4 = 1).
A block-erase under program-suspend is not allowed. However, word-program under
erase-suspend is allowed, and can be suspended. This results in a simultaneous erase-
suspend/ program-suspend condition, indicated by SR[7,6,2] = 1.
To resume a suspended program or erase operation, issue the Resume command to
any device address. The read mode of the resumed partition is unchanged; issue the
Read Status Register command to return the partition to Read Status mode. The
operation continues where it left off, and the respective Status Register suspend bits
are cleared.
Table 43: Suspend and Resume Command Bus Cycles
Command
Setup Write Cycle
Confirm Write Cycle
Address Bus
Data Bus
Address Bus
Data Bus
Suspend
Device Address
00B0h
---
---
Resume
Device Address
00D0h
---
---
Table 44: Valid Commands During Suspend
Device Command
Program Suspend
Erase Suspend
Read Array
Allowed
Allowed
Read Status Register
Allowed
Allowed
Clear Status Register
Allowed
Allowed
Read Device Information
Allowed
Allowed
CFI Query
Allowed
Allowed
Word Program
Not Allowed
Allowed
Buffered Program
Not Allowed
Allowed
Buffered Enhanced Factory Program
Not Allowed
Not Allowed
Block Erase
Not Allowed
Not Allowed
Program/Erase Suspend
Not Allowed
Not Allowed
Program/Erase Resume
Allowed
Allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com