Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 61 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 61 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 57Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 58Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 59Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 60Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 61Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 62Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 63Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 64Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 65Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 139 page
background image
April 2008
Datasheet
309823-10
61
Numonyx™ StrataFlash® Cellular Memory (M18)
7.3.1
Write Timing Waveforms
The following sections show the timing waveforms for write specifications and write-to-
read and read-to-write transitions for Non-Mux and AD-Mux M18 devices.
The Synchronous read timings apply to both the 108 and 133 MHz devices. However
please note that M18 devices which only support up to 108 MHz need not meet the
R313 to R317 timing specifications.
Please note that the WAIT signal polarity in all the timing waveforms is low-true
(RCR10 = 0). WAIT is de-asserted during asynchronous reads.
Table 23: List of Write Timing waveforms
M18 Device
Description
Non-Mux
Write to Write
Async Read to Write
Write to Async Read
Sync Read to Write
Write to Sync Read
ADMux
Write to Write
Async Read to Write
Write to Async Read
Sync Read to Write
Write to Sync Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com