Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 81 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 81 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 77Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 78Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 79Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 80Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 81Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 82Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 83Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 84Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 85Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 139 page
background image
April 2008
Datasheet
309823-10
81
Numonyx™ StrataFlash® Cellular Memory (M18)
To program the Enhanced Configuration Register, the desired settings for ECR[15:0]
are placed on the address bus. The setup command (0060h) is driven on the data bus.
Upon issuing the setup command, the device/addressed partition is automatically
changed to Read Status Register mode.
Next, the Confirm command (0004h) is driven on the data bus. After issuing the
Confirm command, the addressed partition is automatically switched to Read Array
mode.
This command functions independently of the applied VPP voltage.
Note:
Since the desired register value is placed on the address lines, any hardware-
connection offsets between the host’s address outputs and the flash device’s address
inputs must be considered, similar to programming the RCR.
9.4
Read Operations
The following types of data can be read from the device: array data, device
information, CFI data, and device status Upon power-up or return from reset, the
device defaults to Read Array mode. To change the device’s read mode, the appropriate
command must be issued to the device. Table 36, “Read Mode Command Bus Cycles”
shows the command codes used to configure the device for the desired read mode. The
following sections describe each read mode.
9.4.1
Read Array
Upon power-up or exit from reset, the device defaults to Read Array mode. Issuing the
Read Array command places the addressed partition in Read Array mode. Subsequent
reads output array data. The addressed partition remains in Read Array mode until a
different read command is issued, or a program or erase operation is performed in that
partition, in which case, the read mode is automatically changed to Read Status.
To changea partition to Read Array mode while it is programming or erasing, first issue
the Suspend command. After the operation has been suspended, issue the Read Array
command to the partition. When the program or erase operation is subsequently
resumed, the read state of the partition will not change. To change the read state of
the partition to Status read mode, issue a Read Status command to the partition.
Table 35: Program Enhanced Configuration Register Command Bus Cycles
Command
Setup Write Cycle
Confirm Write Cycle
Address Bus
Data Bus
Address Bus
Data Bus
Program Enhanced Configuration Register
Register Data
0060h
Register Data
0004h
Table 36: Read Mode Command Bus Cycles
Command
Setup Write Cycle
Confirm Write Cycle
Address Bus
Data Bus
Address Bus
Data Bus
Read Array
Partition Address
00FFh
---
---
Read Status Register
Partition Address
0070h
---
---
Read Device Information
Partition Address
0090h
---
---
CFI Query
Partition Address
0098h
---
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com