Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 82 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 82 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 78Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 79Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 80Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 81Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 82Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 83Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 84Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 85Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 86Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
82
309823-10
Note:
Issuing the Read Array command to a partition that is actively programming or erasing
causes subsequent reads from that partition to output invalid data. Valid array data is
output only after the program or erase operation has finished.
The Read Array command functions independent of the voltage level on VPP.
9.4.2
Read Status Register
Issuing the Read Status Register command places the addressed partition in Read
Status Register mode. Subsequent reads from that partition output Status Register
information. The addressed partition remains in Read Status Register mode until a
different read-mode command is issued to that partition. Performing a program, erase,
or block-lock operation also changes the partition’s read mode to Read Status Register
mode.
The Status Register is updated on the falling edge of CE#, or OE# when CE# is low.
Status Register contents are valid only when SR7 = 1.
The Read Status Register command functions independent of the voltage level on VPP.
9.4.3
Read Device Information
Issuing the Read Device Information command places the addressed partition in Read
Device Information mode. Subsequent reads output device information on the data
bus. The address offsets for reading the available device information are shown here.
The addressed partition remains in Read Device Information mode until a different read
command is issued. Also, performing a program, erase, or block-lock operation changes
the addressed partition to Read Status Register mode.
Note:
Issuing the Read Device Information command to a partition that is actively
programming or erasing changes that partition’s read mode to Read Device Information
mode. Subsequent reads from that partition will return invalid data until the program or
erase operation has completed.
The Read Device Information command functions independent of the voltage level on
VPP.
Table 37: Device Information Summary
Device Information
Address Bus
Data Bus
Device Manufacturer Code (Numonyx)
Partition Base Address + 00h
0089h
Device ID Code
Partition Base Address + 01h
Device IDs
Main Block Lock Status
Block Base Address + 02h
D0 = Lock Status
D1 = Lock-Down Status
Read Configuration Register
Partition Base Address + 05h
Configuration Register Data
Enhanced Configuration Register
Partition Base Address + 06h
Enhanced Configuration
Register Data
OTP Lock Register 0
Partition Base Address + 80h
Lock Register 0 Data
OTP Register - Factory Segment
Partition Base Address + 81h to 84h
Factory-Programmed Data
OTP Register - User-Programmable Segment
Partition Base Address + 85h to 88h
User Data
OTP Lock Register 1
Partition Base Address + 89h
Lock Register 1 Data
OTP Registers 1 through 16
Partition Base Address + 8Ah to 109h
User Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com