Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 68 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 68 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 64Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 65Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 66Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 67Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 68Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 69Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 70Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 71Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 72Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
68
309823-10
7.4
Program and Erase Characteristics
The M18 device includes specifications for different lithographies, densities, and
frequencies. For additional information on combinations, see Table 4, “M18 Product
Litho/Density/Frequency Combinations” on page 10 in the Section 2.0, “Functional
Description.
Table 24: Program-Erase Characteristics
Nbr.
Symbol
Parameter
VPPL/VPPH
Unit
Notes
Litho (nm)
Density
(Mbit)
Min
Typ
Max
Conventional Word Programming
W200
tPROG/W
Program
Time
Single word (first
word)
—
—
—
115
230
µs
1,2
Single word
(subsequent word)
—
—
—
50
230
Buffered Programming
W200
tPROG/W
Program
Time
Single word
—
—
—
250
500
µs
1
W250
tPROG/PB
One Buffer (512
words)
90
65
256, 512
128, 256, 512,
1024
—
2.15
1.02
4.3
2.05
ms
Buffered Enhanced Factory Programming
W451
tBEFP/W
Program
Time
Single word
90
65
256, 512
128, 256, 512
—
4.2
2.0
—
µs
1,3,4
W452
tBEFP/
Setup
Buffered EFP Setup
—
—
5
—
—
1
Erasing and Suspending
W501
tERS/MAB
Erase
Time
128-Kword Main
Array Block
——
—
0.9
4
s
1
W600
tSUSP/P
Suspen
d
Latency
Program suspend
—
—
—
20
30
µs
1
W601
tSUSP/E
Erase suspend
—
—
—
20
30
1
Blank Check
W702
tBC/MB
Blank
Check
Main array block
—
—
—
3.2
—
ms
1
Notes:
1.
Typical values measured at TC = +25 °C and nominal voltages. Performance numbers are valid for all speed versions.
Sampled, but not 100% tested.
2.
First and subsequent words refer to first word and subsequent words in Control Mode programming region.
3.
Averaged over entire device.
4.
BEFP not validated at VPPL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com