Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 103 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 103 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 99Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 100Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 101Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 102Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 103Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 104Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 105Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 106Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 107Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 139 page
background image
April 2008
Datasheet
309823-10
103
Numonyx™ StrataFlash® Cellular Memory (M18)
Figure 54: Buffered Program Flowchart
Write Confirm 0xD0
and Block Address
Buffer Program Data,
Word Address
X = 0
Abort Buffer
Program?
No
X = N?
Write Buffer Data,
Word Address
X = X + 1
Write to another
Block Address
Buffer Program Aborted
No
Yes
Yes
Write Word Count-1,
Buffer Address
Suspend
Program
Loop
Read Status Register
SR[7] =?
Full Status
Check if Desired
Program Complete
Suspend
Program?
1
0
Yes
No
NOTES:
1. The device outputs the Status Register when read.
2. The device outputs the array data when read.
3. Buffer Programming is available in the main array only. This
algorithm may be used for MLC or PSBC programming. Upon
issuing 0xE9 the partition state does not changed.
4. Word count value on D[8:0] is loaded into the word count
register. Count ranges for this device are N = 0x000 to 0x1FF.
5. Buffer address on A[MAX:9] specifies a single 512-word
buffer-size array region. This is latched and held constant
during the entire operation.
6. The word address within the buffer, specified by A [8:0], is
provided. Upper address bits are ignored.
7. The device aborts the Buffer Program command if the current
address is outside the original block address .
8. Upon issuing 0xD0 the partition is placed in Status Read
mode. If block address changes, Buffer Program will abort.
9. The Status Register indicates an improper command
sequence if the Buffer Program command is aborted; use the
Clear Status Register command to clear error bits.
Full status check can be done after all erase and write
sequences complete. For a detailed flowchart, please refer to
‘Full Status Check Procedure’ flowchart under ‘Word Program
for Main Array’ flowchart.
Write 0xFF after the last operation to place the partition in the
Read Array state.
Read
(Note 1)
Standby
Read
(Note 9)
None
None
None
Idle
None
Write
(Note 2)
Read Array
Write
(Note 3)
Buffer Prog.
Setup
SR[7] = Valid
Addr = Block Address
Check SR[7]:
1 = WSM Ready
0 = WSM Busy
Status register Data
Addr = Block Address
Check SR[7]:
1 = Write Buffer available
0 = No Write Buffer available
Data = 0xFF
Addr = Block Address
Data = 0xE9
Addr = Block Address
Write
(Note 8)
Buffer Prog.
Conf.
Data = 0xD0
Addr = Block Address
Write
(Notes 4,5)
None
Data = N = Word Count - 1
(N = 0 corresponds to count = 1)
Addr = Buffer Address
Write
(Notes 6, 7)
None
Data = Write Buffer Data
Addr = Word Address
Write
(Notes 6, 7)
None
Data = Write Buffer Data
Addr = Word Address
Buffer Programming Procedure
Flash Ready?
SR[7] =
Timeout?
0 = No
1 = Yes
Issue Read Status
Register Command
at Partition Address
Yes
No
Issue Buffer Prog. Cmd.
0xE9,
Block Address
Set Timeout or
Loop Counter
Issue Read Array
Command at Partition
Address
Timeout error
Bus
Operation
Command
Comments
1 = Yes
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com