Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 102 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 102 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 98Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 99Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 100Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 101Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 102Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 103Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 104Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 105Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 106Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
102
309823-10
Figure 53: Program Suspend/Resume Flowchart
R e ad S tatus
R e gis ter
SR .7 =
SR .2 =
Wr ite F F h
Su s p Pa rtitio n
Re a d A r ra y
Da ta
Pro g r a m
Co m p le te d
Do n e
Re a d in g
Write F F h
Pg m 'd Pa r titio n
Write D 0 h
An y Ad d re s s
Pr o g ra m
Re s u m e d
Re a d A rr a y
Da ta
0
No
0
Ye s
1
1
P R OG R A M SUSPE N D / RESUM E PRO C EDUR E
Write
Pro g ra m
Re s u m e
Da ta = D 0 h
A d dr = S u s pe nd ed b loc k (B A )
Bu s
O p eratio n
C o mma n d
Co m m e n t s
Write
Pro g ra m
Su s p e n d
Da ta = B 0 h
Ad d r = B lo c k to s u s p e n d (BA)
S tan db y
Ch e c k S R .7
1 = W S M re a d y
0 = W S M b u s y
S tan db y
Ch e c k S R .2
1 = P ro gr am s u s p en de d
0 = P ro gr am c o m p le te d
Write
Re a d
A rra y
Da ta = F F h
A d d r = A ny ad dr es s w ith in th e
s u s p en de d p a r titio n
Re a d
R e ad ar ra y d a ta fr om b loc k o the r th a n
th e on e b e in g pro g r a m m e d
Re a d
S ta tus re gis ter d a ta
A d dr = S u s pe nd ed b loc k (B A )
PG M _ SU S.W M F
Sta rt
Wr ite B 0 h
An y Ad d re s s
P r ogra m
S u s pend
R ead
S tatus
P r ogram
R e s u m e
R ead
Ar r a y
R ead
A rr a y
Wr ite S R
(1 )
S a m e P a rtitio n
Write
Re a d
Sta tu s
Da ta = S R
(1 )
A d d r = S am e pa rtitio n
If t h e s u s p en d e d p a rt itio n w a s p lac ed in R e ad A r ra y m o d e :
Write
Re a d
Sta tu s
R e tu r n p a r titio n to S tatu s m o de:
Da ta = S R
(1 )
A d d r = S am e pa rtitio n
Wr ite 7 0 h
S a m e P a rtitio n
R ead
S tatus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com