Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 104 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 104 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 100Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 101Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 102Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 103Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 104Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 105Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 106Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 107Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 108Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
104
309823-10
Figure 55: Buffered EFP Flowchart
Write Data @ 1
ST
Word Address
Last
Data?
Write 0xFFFF,
Address Not within
Current Block
Program
Done ?
Read Status Reg .
Y
No (SR [7]=0)
Full Status Check
Procedure
Program
Complete
Read Status Reg .
BEFP
Exited?
Yes
(SR [7]=1)
Start
Write 0x80 @
1ST Word Address
VPP applied ,
Block unlocked
Write 0xD0 @
1ST Word Address
BEFP Setup
Done ?
Read Status Reg .
Exit
N
Program & Verify Phase
Exit Phase
Setup Phase
BUFFERED ENHANCED FACTORY PROGRAMMING(Buffered-EFP) PROCEDURE
X = 512?
Initialize Count :
X = 0
Increment Count :
X = X +1
Y
NOTES:
1. BEFP is available in the main array only .
2. First-word address to be programmed within the target block must be aligned on a write
-buffer boundary .
3. Write-buffer contents are programmed sequentially to the flash array starting at the first word address
; WSM internally increments addressing .
N
Check VPP , Lock
Errors (SR[3,1])
Yes (SR[7]=0)
Comments
Bus
State
Operation
BEFP setup delay
Data Stream Ready
Repeat for subsequent blocks ;
After BEFP exit , a full Status Register check can
determine if any program error occurred ;
See full Status Register check procedure in the
Word Program flowchart .
Write0xFF to enter Read Array state .
Check SR [7]:
0 = Exit Not Completed
1 = Exit Completed
Check Exit
Status
Read
Status
Register
Data = Status Reg . Data
Address = 1ST Word Addr
BEFP Exit
Standby
If SR[7] is set, check:
SR[3] set = VPP Error
SR[1] set = Locked Block
Error
Condition
Check
Standby
Check SR [7]:
0 = BEFP Ready
1 = BEFP Not Ready
BEFP
Setup
Done ?
Standby
Data = Status Reg . Data
Address = 1ST Word Addr
Status
Register
Read
Data = 0xD0 @ 1
ST
Word Address
BEFP
Confirm
Write
Data = 0x80 @ 1
ST Word
Address
BEFP
Setup
Write
(Note 2)
VPPH applied to VPP
Unlock
Block
Write
BEFP Setup
Bus
State
Comments
Operation
No (SR[0]=1)
Yes (SR[0]=0)
No (SR[7]=1)
BEFP Program & Verify
Comments
Bus State Operation
Write
(Note 3)
Load
Buffer
Standby
Increment
Count
Standby
Initialize
Count
Data = Data to Program
Address = 1ST Word Addr .
X = X+1
X = 0
Standby
Buffer
Full?
X = 512?
Yes = Read SR [0]
No = Load Next Data Word
Read
Standby
Status
Register
Data Stream
Ready ?
Data = Status Register Data
Address = 1ST Word Addr .
Check SR [ 0]:
0 = Ready for Data
1 = Not Ready for Data
Read
Standby
Standby
Write
Status
Register
Program
Done?
Last
Data?
Exit Prog &
Verify Phase
Data = Status Reg . data
Address = 1ST Word Addr .
Check SR [ 0]:
0 = Program Done
1 = Program in Progress
No = Fill buffer again
Yes = Exit
Data = 0xFFFF @ address not in
current block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com