| Electronic Components Datasheet Search |
|
RA4C1 Datasheet(PDF) 33 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RA4C1 Datasheet(HTML) 33 Page - Renesas Technology Corp |
|
33 / 97 page ![]() Table 2.22 Outline of operation for each unit Peripheral Outline of operation GPT Operating modes is set to saw-wave PWM mode. GPT is operating with PCLKD. POEG Only clear module stop bit. AGT AGT is operating with PCLKB. RTC RTC is operating with SOSC. WDT WDT is operating with PCLKB. IWDT IWDT is operating with IWDTCLK. SCI SCI is transmitting data in clock synchronous mode. IrDA SCI is transmitting data in clock asynchronous mode. IrDA is only clear module stop bit. IIC Communication format is set to I2C-bus format. IIC is transmitting data in master mode. CANFD CANFD is transmitting and receiving data in self-test mode 1. SPI SPI mode is set to SPI operation (4-wire method). SPI master/slave mode is set to master mode. SPI is transmitting 32-bit width data. QSPI QSPI is issuing Fast Read Quad I/O Instruction. UARTA UARTA is transmitting 8-bit width data. ADC12 Resolution is set to 12-bit accuracy. Data registers is set to A/D-converted value addition mode. ADC12 is converting the analog input in continuous scan mode. SLCDC SLCDC is operating in A wave, 1/2 bias method, 2-time slice and External resistance division method. ELC Only clear module stop bit. RSPI-E31A RSIP is doing self-test operation. CRC CRC is generating CRC code using 32-bit CRC32-C polynomial. DOC DOC is operating in data comparison mode. CAC Measurement target clocks is set to PCLKB. Measurement reference clocks is set to PCLKB. CAC is measuring the clock frequency accuracy. DMAC Bit length of transfer data is set to 32 bits. Transfer mode is set to block transfer mode. DMAC is transferring data from SRAM0 to SRAM0. DTC Bit length of transfer data is set to 32 bits. Transfer mode is set to block transfer mode. DTC is transferring data from SRAM0 to SRAM0. 2.3 AC Characteristics RA4C1 Datasheet 2. Electrical Characteristics R01DS0457EJ0110 Rev.1.10 Jul 4, 2025 Page 33 of 97 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |