Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RA4C1 Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 47Page - Renesas Technology Corp RA4C1 Datasheet HTML 48Page - Renesas Technology Corp RA4C1 Datasheet HTML 49Page - Renesas Technology Corp RA4C1 Datasheet HTML 50Page - Renesas Technology Corp RA4C1 Datasheet HTML 51Page - Renesas Technology Corp RA4C1 Datasheet HTML 52Page - Renesas Technology Corp RA4C1 Datasheet HTML 53Page - Renesas Technology Corp RA4C1 Datasheet HTML 54Page - Renesas Technology Corp RA4C1 Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 97 page
background image
SDAn
SCLn
VIH
VIL
P*1
S*1
tSf
tSr
tSDAH
tSDAS
tSP
P*1
Test conditions:
VIH = VCC × 0.7, VIL = VCC × 0.3
VOL = 0.6 V, IOL = 6 mA
Sr*1
Note:
n = 0, 1, 3 to 5, 9
Note 1. S, P, and Sr indicate the following conditions:
S: Start condition
P: Stop condition
Sr: Restart condition
Figure 2.31
SCI simple IIC mode timing
2.3.9
SPI Timing
Table 2.40
SPI timing (1 of 3)
Parameter
Symbol
Min
Max
Unit
Test conditions
RSPCK clock
cycle
Master
2.7 V ≤ VCC ≤ 3.6 V
tSPcyc*1
50
—
ns
Figure 2.32
C = 30 pF
2.4 V ≤ VCC < 2.7 V
100
—
1.8 V ≤ VCC < 2.4 V
200
—
1.6 V ≤ VCC < 1.8 V
500
—
Slave
2.7 V ≤ VCC ≤ 3.6 V
100
—
2.4 V ≤ VCC < 2.7 V
200
—
1.8 V ≤ VCC < 2.4 V
400
—
1.6 V ≤ VCC < 1.8 V
1500
—
RSPCK clock
high pulse width
Master
tSPCKWH
(tSPcyc – tSPCKr –
tSPCKf) / 2 – 3
—
ns
Slave
0.4 × tSPcyc
0.6 × tSPcyc
RSPCK clock
low pulse width
Master
tSPCKWL
(tSPcyc – tSPCKr –
tSPCKf) / 2 – 3
—
ns
Slave
0.4 × tSPcyc
0.6 × tSPcyc
RSPCK clock
rise and fall time
Output
2.7 V ≤ VCC ≤ 3.6 V
tSPCKr,
tSPCKf
—
10
ns
2.4 V ≤ VCC < 2.7 V
—
15
1.8 V ≤ VCC ≤ 2.4 V
—
20
1.6 V ≤ VCC < 1.8 V
—
30
Input
—
1
µs
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 51 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com