Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RA4C1 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 58Page - Renesas Technology Corp RA4C1 Datasheet HTML 59Page - Renesas Technology Corp RA4C1 Datasheet HTML 60Page - Renesas Technology Corp RA4C1 Datasheet HTML 61Page - Renesas Technology Corp RA4C1 Datasheet HTML 62Page - Renesas Technology Corp RA4C1 Datasheet HTML 63Page - Renesas Technology Corp RA4C1 Datasheet HTML 64Page - Renesas Technology Corp RA4C1 Datasheet HTML 65Page - Renesas Technology Corp RA4C1 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 97 page
background image
2.4
ADC12 Characteristics
VREFH0
5.0
4.0
3.0
2.0
1.0
1.0
2.0
3.0
4.0
5.0
A/D Conversion
Characteristics (2)
ADCSR.ADHSC = 0
2.7
2.4
2.4 2.7
AVCC0
VREFH0
5.0
4.0
3.0
2.0
1.0
1.0
2.0
3.0
4.0
5.0
ADCSR.ADHSC = 1
3.6
2.4
2.4 2.7
AVCC0
1.8
1.8
A/D Conversion
Characteristics (3)
A/D Conversion
Characteristics (4)
A/D Conversion
Characteristics (5)
A/D Conversion
Characteristics (6)
A/D Conversion
Characteristics (7)
1.6
1.6
3.6
3.6
3.6
A/D Conversion
Characteristics (1)
Figure 2.43
AVCC0 to VREFH0 voltage range
Table 2.46
A/D conversion characteristics (1) in high-speed A/D conversion mode
Conditions: VCC = AVCC0 = VREFH0 = 2.7 to 3.6 V*5, VSS = AVSS0 = VREFL0 = 0 V
Reference voltage range applied to the VREFH0 and VREFL0.
Parameter
Min
Typ
Max
Unit
Test conditions
PCLKC (ADCLK) frequency
1
—
48
MHz
—
Analog input capacitance*2
Cs
—
—
9*3
pF
High-precision channel
—
—
10*3
pF
Normal-precision channel
Analog input resistance
Rs
—
—
1.9*3
kΩ
High-precision channel
—
—
6.0*3
kΩ
Normal-precision channel
Analog input voltage range
Ain
0
—
VREFH0
V
—
Resolution
—
—
12
Bit
—
Conversion time*1
(Operation at PCLKC = 48
MHz)
Permissible
signal
source
impedance
Max. = 0.3
kΩ
0.67
(0.219)*4
—
—
µs
High-precision channel
ADCSR.ADHSC = 0
ADSSTRn.SST[7:0] = 0x0A
ADACSR.ADSAC = 1
1.29
(0.844)*4
—
—
µs
Normal-precision channel
ADCSR.ADHSC = 0
ADSSTRn.SST[7:0] = 0x28
ADACSR.ADSAC = 1
Offset error
—
±1.0
±5.5
LSB
High-precision channel
±7.0
LSB
Other than specified
Full-scale error
—
±1.0
±5.5
LSB
High-precision channel
±7.0
LSB
Other than specified
Quantization error
—
±0.5
—
LSB
—
Absolute accuracy
—
±2.5
±6.0
LSB
High-precision channel
±9.0
LSB
Other than specified
DNL differential nonlinearity error
—
±1.0
—
LSB
—
INL integral nonlinearity error
—
±1.5
±3.0
LSB
—
Note:
The characteristics apply when no pin functions other than 12-bit A/D converter input are used. Absolute accuracy does not include
quantization errors. Offset error, full-scale error, DNL differential nonlinearity error, and INL integral nonlinearity error do not include
quantization errors.
Note 1. The conversion time is the sum of the sampling time and the comparison time. The number of sampling states is indicated for the
test conditions.
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 62 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com