Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RA4C1 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 34Page - Renesas Technology Corp RA4C1 Datasheet HTML 35Page - Renesas Technology Corp RA4C1 Datasheet HTML 36Page - Renesas Technology Corp RA4C1 Datasheet HTML 37Page - Renesas Technology Corp RA4C1 Datasheet HTML 38Page - Renesas Technology Corp RA4C1 Datasheet HTML 39Page - Renesas Technology Corp RA4C1 Datasheet HTML 40Page - Renesas Technology Corp RA4C1 Datasheet HTML 41Page - Renesas Technology Corp RA4C1 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 97 page
background image
2.3.3
Reset Timing
Table 2.28
Reset timing
Parameter
Symbol
Min
Typ
Max
Unit
Test
conditions
RES pulse width
At power-on
tRESWP
13
—
—
ms
Figure 2.12
Not at power-on
tRESW
30
—
—
µs
Figure 2.13
Wait time after RES cancellation (at
power-on)
LVD0 enabled*1
tRESWT
—
1.0
—
ms
Figure 2.12
LVD0 disabled*2
—
0.3
—
Wait time after RES cancellation (during
powered-on state)
LVD0 enabled*1
tRESWT2
—
0.9
—
ms
Figure 2.13
LVD0 disabled*2
—
0.2
—
Wait time after internal reset
cancellation (IWDT reset, WDT reset,
RAM parity error reset, RAM ECC error
reset, Bus master MPU error reset,
TrustZonre error reset, Cache parity
error reset, Software reset)
LVD0 enabled*1
tRESWT3
—
0.9
—
ms
Figure 2.14
LVD0 disabled*2
—
0.2
—
Note 1. When OFS1.LVDAS = 0.
Note 2. When OFS1.LVDAS = 1.
VCC
RES
tRESWP
Internal reset
tRESWT
Figure 2.12
Reset input timing at power-on
RES
Internal reset
tRESWT2
tRESW
Figure 2.13
Reset input timing (1)
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 38 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com