Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RA4C1 Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 77Page - Renesas Technology Corp RA4C1 Datasheet HTML 78Page - Renesas Technology Corp RA4C1 Datasheet HTML 79Page - Renesas Technology Corp RA4C1 Datasheet HTML 80Page - Renesas Technology Corp RA4C1 Datasheet HTML 81Page - Renesas Technology Corp RA4C1 Datasheet HTML 82Page - Renesas Technology Corp RA4C1 Datasheet HTML 83Page - Renesas Technology Corp RA4C1 Datasheet HTML 84Page - Renesas Technology Corp RA4C1 Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 97 page
background image
Table 2.67
Internal voltage boosting method LCD characteristics (3) (2 of 2)
Conditions: VCC = AVCC = VL2 (Max) + 0.1 to 3.6 V, VSS = AVSS = 0 V
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Test conditions
LCD output voltage
variation range
VL2
C1 to C4*1 = 0.47
µF
VLCD*2 = 0x84
1.94
2.02
2.11
V
—
VLCD = 0x85
2.00
2.09
2.18
V
—
VLCD = 0x86
2.07
2.16
2.25
V
—
VLCD = 0x87
2.13
2.22
2.32
V
—
VLCD = 0x88
2.19
2.29
2.39
V
—
VLCD = 0x89
2.26
2.36
2.46
V
—
VLCD = 0x8A
2.32
2.42
2.53
V
—
VLCD = 0x8B
2.39
2.49
2.59
V
—
VLCD = 0x8C
2.45
2.56
2.66
V
—
VLCD = 0x8D
2.51
2.62
2.73
V
—
VLCD = 0x8E
2.58
2.69
2.80
V
—
VLCD = 0x8F
2.64
2.76
2.87
V
—
VLCD = 0x90
2.70
2.82
2.94
V
—
VLCD = 0x91
2.77
2.89
3.01
V
—
VLCD = 0x92
2.83
2.96
3.08
V
—
VLCD = 0x93
2.90
3.02
3.15
V
—
VLCD = 0x94
2.96
3.09
3.22
V
—
VLCD = 0x95
3.02
3.15
3.29
V
—
VLCD = 0x96
3.09
3.22
3.35
V
—
VLCD = 0x97
3.15
3.29
3.42
V
—
VLCD = 0x98
3.21
3.35
3.49
V
—
VLCD = 0x99
3.28
3.42
3.56
V
—
VLCD = 0x9A
3.34
3.49
3.63
V
—
Two-thirds output
voltage
VL4*5
C1 to C4*1 = 0.47 µF
2/3 ×
VL2 - 6%
2/3 ×
VL2
2/3 ×
VL2 +
6%
V
—
Reference voltage
setup time*3
tVL2S
—
10
—
—
ms
Figure 2.56
Voltage boost wait
time*4
tVLWT
—
500
—
—
ms
Figure 2.56
Note:
0x8E to 0x9A setting is permitted when using 5V LCD panel, 0x84 to 0x87 setting is permitted when using 3V LCD panel at 1/3
bias.
Note 1. This is a capacitor that is connected between the voltage pins that are used to drive the LCD.
C1: A capacitor connected between CAPH and CAPL
C2: A capacitor connected between VL1 and GND
C3: A capacitor connected between VL2 and GND
C4: A capacitor connected between VL4 and GND
C1 = C2 = C3 = C4 = 0.47 µF ±30%
Note 2. Bit [7] (MDSET[2]) of register VLCD is set to 1 and bits [7:6] (MDSET[1:0]) of register LCDM0 are set to 01 for internal voltage
boosting method (VL2 reference), and bits [4:0] (VLCD4-0) of register VLCD are used for voltage variation setting.
Note 3. This is the time required to wait from when the reference voltage is specified by using the VLCD register (or when the internal
voltage boosting method is selected (by setting the MDSET[1:0] bits of the LCDM0 register to 01b and MDSET[2] of the register
VLCD to 1) if the default value reference voltage is used) until voltage boosting starts (VLCON = 1).
Note 4. This is the wait time from when voltage boosting is started (VLCON = 1) until display is enabled (LCDON = 1).
Note 5. VL4 must be 3.6 V or lower.
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 81 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com