Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RA4C1 Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 80Page - Renesas Technology Corp RA4C1 Datasheet HTML 81Page - Renesas Technology Corp RA4C1 Datasheet HTML 82Page - Renesas Technology Corp RA4C1 Datasheet HTML 83Page - Renesas Technology Corp RA4C1 Datasheet HTML 84Page - Renesas Technology Corp RA4C1 Datasheet HTML 85Page - Renesas Technology Corp RA4C1 Datasheet HTML 86Page - Renesas Technology Corp RA4C1 Datasheet HTML 87Page - Renesas Technology Corp RA4C1 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 97 page
background image
Table 2.72
Code flash characteristics (3) (2 of 2)
Middle-speed operating mode
Conditions: VCC = AVCC0 = 1.6 to 3.6 V
Parameter
Symbol
ICLK = 1 MHz
ICLK = 8 MHz*1
Unit
Min
Typ
Max
Min
Typ
Max
Blank check time
8-byte
tBC8
—
—
67.7
—
—
13.3
µs
2-KB
tBC2K
—
—
7538
—
—
947
µs
Erase suspended time
tSED
—
—
33.4
—
—
13.1
µs
Forced stop time
tFD
—
—
33.4
—
—
13.1
µs
Configuration Set time
tCFGS
—
27
494
—
12
277
ms
Flash memory mode transition wait
time 1
tDIS
2
—
—
2
—
—
µs
Flash memory mode transition wait
time 2
tMS
15
—
—
15
—
—
µs
Note:
Does not include the time until each operation of the flash memory is started after instructions are executed by software.
Note:
The lower-limit frequency of FCLK is 1 MHz during programming or erasing the flash memory.
Note:
The frequency accuracy of FCLK must be ± 1.0% during programming or erasing the flash memory. Confirm the frequency accuracy
of the clock source.
Note 1. When 1.8 V ≤ VCC = AVCC0 ≤ 3.6 V
Table 2.73
Code flash characteristics (4)
Low-speed operating mode
Conditions: VCC = AVCC0 = 1.6 to 3.6 V
Parameter
Symbol
ICLK = 1 MHz
Unit
Min
Typ
Max
Programming time
8-byte
tP8
—
128
1064
µs
Erasure time
2-KB
tE2K
—
14.1
390
ms
Blank check time
8-byte
tBC8
—
—
67.7
µs
2-KB
tBC2K
—
—
7538
µs
Erase suspended time
tSED
—
—
33.4
µs
Forced stop time
tFD
—
—
33.4
µs
Configuration Set time
tCFGS
—
27
494
ms
Flash memory mode transition wait time 1
tDIS
2
—
—
µs
Flash memory mode transition wait time 2
tMS
15
—
—
µs
Note:
Does not include the time until each operation of the flash memory is started after instructions are executed by software.
Note:
The lower-limit frequency of FCLK is 1 MHz during programming or erasing the flash memory.
Note:
The frequency accuracy of FCLK must be ± 1.0% during programming or erasing the flash memory. Confirm the frequency accuracy
of the clock source.
2.13.2
Data Flash Memory Characteristics
Table 2.74
Data flash characteristics (1)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Reprogramming/erasure cycle*1
NDPEC
100000
1000000
—
Times
—
Data hold time
After 10000 times of NDPEC
tDDRP
20*2 *3
—
—
Year
Ta = +85 °C
10*2 *3
—
—
Ta = +105 °C
After 100000 times of NDPEC
5*2 *3
—
—
Ta = +105 °C
After 1000000 times of NDPEC
—
1*2 *3
—
Ta = +25 °C
Note 1. The reprogram/erase cycle is the number of erasure for each block. When the reprogram/erase cycle is n times (n = 100,000),
erasing can be performed n times for each block. For instance, when 1-byte programming is performed 256 times for different
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 84 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com