Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RA4C1 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # RA4C1
Description  Renesas Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4C1 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button RA4C1 Datasheet HTML 71Page - Renesas Technology Corp RA4C1 Datasheet HTML 72Page - Renesas Technology Corp RA4C1 Datasheet HTML 73Page - Renesas Technology Corp RA4C1 Datasheet HTML 74Page - Renesas Technology Corp RA4C1 Datasheet HTML 75Page - Renesas Technology Corp RA4C1 Datasheet HTML 76Page - Renesas Technology Corp RA4C1 Datasheet HTML 77Page - Renesas Technology Corp RA4C1 Datasheet HTML 78Page - Renesas Technology Corp RA4C1 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 97 page
background image
Internal reset signal
(active-low)
VRTC
tRTCVOFF
tRTCPOR
trtcdet
VRTC_POR
tW(VRTC_POR)
1.0 V
trtcdet trtcdet tRTCPOR
Figure 2.52
Voltage detection reset timing and power-on reset timing of VRTC
2.9
EXLVDVBAT Pin Voltage Detection Characteristics
Table 2.59
EXLVDVBAT pin voltage detection characteristics
Conditions: VCC = AVCC = 1.6 to 3.6 V
Parameter
Symbol
Conditi
ons
Min
Typ
Max
Unit
Test conditions
Internal reference
voltage
VLVDVBAT0
Rising
1.61
1.65
1.70
V
—
Falling
1.55
1.59
1.63
—
VLVDVBAT1
Rising
2.17
2.24
2.31
—
Falling
2.12
2.18
2.24
—
VLVDVBAT2
Rising
2.37
2.44
2.51
—
Falling
2.31
2.38
2.45
—
VLVDVBAT3
Rising
2.56
2.64
2.72
—
Falling
2.50
2.58
2.66
—
VLVDVBAT4
Rising
2.66
2.74
2.82
—
Falling
2.60
2.68
2.76
—
VLVDVBAT5
Rising
2.76
2.84
2.92
—
Falling
2.70
2.78
2.86
—
VLVDVBAT6
Rising
3.05
3.14
3.23
—
Falling
2.99
3.08
3.17
—
Minimum pulse width
tpw_lvdvbat
—
500
—
—
µs
Figure 2.53
Detection delay time
td_lvdvbat
—
—
—
500
µs
Figure 2.53
Operation stabilization
time (after EXLVDVBAT
is enabled)
td(E-A)_lvdvbat
—
—
—
500
µs
Figure 2.53
Setting change
stabilization time
td_set_lvdvbat
—
—
—
500
µs
—
Pin resistor
rin_lvdvbat
VBTLV
DCR.L
VDE = 1
80
150
280
MΩ
—
RA4C1 Datasheet
2. Electrical Characteristics
R01DS0457EJ0110 Rev.1.10
Jul 4, 2025
Page 75 of 97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com