Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 301 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 301 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 297Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 298Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 299Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 300Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 301Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 302Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 303Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 304Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 305Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 440 page
background image
Serial Peripheral Interface Module (SPI)
Error Conditions
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
301
For an idle master or idle slave that has no data loaded into its transmit
buffer, the SPTE is set again no more than two bus cycles after the
transmit buffer empties into the shift register. This allows the user to
queue up a 16-bit value to send. For an already active slave, the load of
the shift register cannot occur until the transmission is completed. This
implies that a back-to-back write to the transmit data register is not
possible. The SPTE indicates when the next write can occur.
15.7 Error Conditions
The following flags signal SPI error conditions:
•
Overflow (OVRF) — Failing to read the SPI data register before
the next full byte enters the shift register sets the OVRF bit. The
new byte does not transfer to the receive data register, and the
unread byte still can be read. OVRF is in the SPI status and control
register.
•
Mode fault error (MODF) — The MODF bit indicates that the
voltage on the slave select pin (SS) is inconsistent with the mode
of the SPI. MODF is in the SPI status and control register.
15.7.1 Overflow Error
The overflow flag (OVRF) becomes set if the receive data register still
has unread data from a previous transmission when the capture strobe
of bit 1 of the next transmission occurs. The bit 1 capture strobe occurs
in the middle of SPSCK cycle 7. (See Figure 15-4 and Figure 15-6.) If
an overflow occurs, all data received after the overflow and before the
OVRF bit is cleared does not transfer to the receive data register and
does not set the SPI receiver full bit (SPRF). The unread data that
transferred to the receive data register before the overflow occurred can
still be read. Therefore, an overflow error always indicates the loss of
data. Clear the overflow flag by reading the SPI status and control
register and then reading the SPI data register.
OVRF generates a receiver/error CPU interrupt request if the error
interrupt enable bit (ERRIE) is also set. The SPRF, MODF, and OVRF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com