| Electronic Components Datasheet Search |
|
MC68HC908AP16CFB Datasheet(PDF) 304 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MC68HC908AP16CFB Datasheet(HTML) 304 Page - Motorola, Inc |
|
304 / 440 page ![]() Serial Peripheral Interface Module (SPI) Data Sheet MC68HC908AP Family — Rev. 2.5 304 MOTOROLA MODF generates a receiver/error CPU interrupt request if the error interrupt enable bit (ERRIE) is also set. The SPRF, MODF, and OVRF interrupts share the same CPU interrupt vector. (See Figure 15-11.) It is not possible to enable MODF or OVRF individually to generate a receiver/error CPU interrupt request. However, leaving MODFEN low prevents MODF from being set. In a master SPI with the mode fault enable bit (MODFEN) set, the mode fault flag (MODF) is set if SS goes to logic 0. A mode fault in a master SPI causes the following events to occur: • If ERRIE = 1, the SPI generates an SPI receiver/error CPU interrupt request. • The SPE bit is cleared. • The SPTE bit is set. • The SPI state counter is cleared. • The data direction register of the shared I/O port regains control of port drivers. NOTE: To prevent bus contention with another master SPI after a mode fault error, clear all SPI bits of the data direction register of the shared I/O port before enabling the SPI. When configured as a slave (SPMSTR = 0), the MODF flag is set if SS goes high during a transmission. When CPHA = 0, a transmission begins when SS goes low and ends once the incoming SPSCK goes back to its idle level following the shift of the eighth data bit. When CPHA = 1, the transmission begins when the SPSCK leaves its idle level and SS is already low. The transmission continues until the SPSCK returns to its idle level following the shift of the last data bit. (See 15.5 Transmission Formats.) NOTE: Setting the MODF flag does not clear the SPMSTR bit. The SPMSTR bit has no function when SPE = 0. Reading SPMSTR when MODF = 1 shows the difference between a MODF occurring when the SPI is a master and when it is a slave. When CPHA = 0, a MODF occurs if a slave is selected (SS is at logic 0) and later unselected (SS is at logic 1) even if no SPSCK is sent to that Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |