Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 305 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 305 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 301Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 302Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 303Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 304Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 305Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 306Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 307Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 308Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 309Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 440 page
background image
Serial Peripheral Interface Module (SPI)
Interrupts
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
305
slave. This happens because SS at logic 0 indicates the start of the
transmission (MISO driven out with the value of MSB) for CPHA = 0.
When CPHA = 1, a slave can be selected and then later unselected with
no transmission occurring. Therefore, MODF does not occur since a
transmission was never begun.
In a slave SPI (MSTR = 0), the MODF bit generates an SPI
receiver/error CPU interrupt request if the ERRIE bit is set. The MODF
bit does not clear the SPE bit or reset the SPI in any way. Software can
abort the SPI transmission by clearing the SPE bit of the slave.
NOTE:
A logic 1 voltage on the SS pin of a slave SPI puts the MISO pin in a high
impedance state. Also, the slave SPI ignores all incoming SPSCK
clocks, even if it was already in the middle of a transmission.
To clear the MODF flag, read the SPSCR with the MODF bit set and then
write to the SPCR register. This entire clearing mechanism must occur
with no MODF condition existing or else the flag is not cleared.
15.8 Interrupts
Four SPI status flags can be enabled to generate CPU interrupt
requests.
Table 15-2. SPI Interrupts
Flag
Request
SPTE
Transmitter empty
SPI transmitter CPU interrupt request
(SPTIE = 1, SPE = 1)
SPRF
Receiver full
SPI receiver CPU interrupt request
(SPRIE = 1)
OVRF
Overflow
SPI receiver/error interrupt request (ERRIE = 1)
MODF
Mode fault
SPI receiver/error interrupt request (ERRIE = 1)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com