Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 302 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 302 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 298Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 299Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 300Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 301Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 302Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 303Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 304Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 305Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 306Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 440 page
background image
Serial Peripheral Interface Module (SPI)
Data Sheet
MC68HC908AP Family — Rev. 2.5
302
MOTOROLA
interrupts share the same CPU interrupt vector. (See Figure 15-11.) It is
not possible to enable MODF or OVRF individually to generate a
receiver/error CPU interrupt request. However, leaving MODFEN low
prevents MODF from being set.
If the CPU SPRF interrupt is enabled and the OVRF interrupt is not,
watch for an overflow condition. Figure 15-9 shows how it is possible to
miss an overflow. The first part of Figure 15-9 shows how it is possible
to read the SPSCR and SPDR to clear the SPRF without problems.
However, as illustrated by the second transmission example, the OVRF
bit can be set in between the time that SPSCR and SPDR are read.
Figure 15-9. Missed Read of Overflow Condition
In this case, an overflow can be missed easily. Since no more SPRF
interrupts can be generated until this OVRF is serviced, it is not obvious
that bytes are being lost as more transmissions are completed. To
prevent this, either enable the OVRF interrupt or do another read of the
SPSCR following the read of the SPDR. This ensures that the OVRF
was not set before the SPRF was cleared and that future transmissions
can set the SPRF bit. Figure 15-10 illustrates this process. Generally, to
avoid this second SPSCR read, enable the OVRF to the CPU by setting
the ERRIE bit.
READ
READ
OVRF
SPRF
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 1 SETS SPRF BIT.
CPU READS SPSCR WITH SPRF BIT SET
CPU READS BYTE 1 IN SPDR,
BYTE 2 SETS SPRF BIT.
CPU READS SPSCR WITH SPRF BIT SET
BYTE 3 SETS OVRF BIT. BYTE 3 IS LOST.
CPU READS BYTE 2 IN SPDR, CLEARING SPRF BIT,
BYTE 4 FAILS TO SET SPRF BIT BECAUSE
1
1
2
3
4
5
6
7
8
2
3
4
5
6
7
8
CLEARING SPRF BIT.
BUT NOT OVRF BIT.
OVRF BIT IS NOT CLEARED. BYTE 4 IS LOST.
AND OVRF BIT CLEAR.
AND OVRF BIT CLEAR.
SPSCR
SPDR
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com