Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATTINY817-MFR. Datasheet(PDF) 178 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 178 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 174Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 175Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 176Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 177Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 178Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 179Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 180Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 181Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 182Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 492 page
background image
21.
TCB - 16-bit Timer/Counter Type B
21.1
Features
•
16-bit counter operation modes:
–
Periodic interrupt
–
Timeout check
–
Input capture
•
On event
•
Frequency measurement
•
Pulse width measurement
•
Frequency and pulse width measurement
–
Single shot
–
8-bit Pulse Width Modulation (PWM)
•
Noise canceler on event input
•
Optional: Operation synchronous with TCA0
21.2
Overview
The capabilities of the 16-bit Timer/Counter type B (TCB) include frequency and waveform generation,
and input capture on Event with time and frequency measurement of digital signals. The TCB consists of
a base counter and control logic which can be set in one of eight different modes, each mode providing
unique functionality. The base counter is clocked by the peripheral clock with optional prescaling.
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com