Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATTINY817-MFR. Datasheet(PDF) 110 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 110 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 106Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 107Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 108Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 109Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 110Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 111Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 112Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 113Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 114Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 492 page
background image
Table 16-1. PORT System Dependencies
Dependency
Applicable
Peripheral
Clocks
Yes
CLKCTRL
I/O Lines and Connections
No
-
Interrupts
Yes
CPUINT
Events
Yes
EVSYS
Debug
No
-
Related Links
Events
Clocks
Interrupts
16.2.3.1 Clocks
This peripheral depends on the peripheral clock.
16.2.3.2 I/O Lines and Connections
Not applicable.
16.2.3.3 Interrupts
Using the interrupts of this peripheral requires the Interrupt Controller to be configured first.
Related Links
CPUINT - CPU Interrupt Controller
Interrupts
SREG
16.2.3.4 Events
The events of this peripheral are connected to the Event System.
Related Links
EVSYS - Event System
16.2.3.5 Debug Operation
This peripheral is unaffected by entering debug mode.
16.3
Functional Description
16.3.1
Initialization
After Reset, all standard function device I/O pads are connected to the PORT with outputs tri-stated and
input buffers enabled, even if there is no clock running.
For best power consumption, disable the input of unused pins and pins that are used as analog inputs or
outputs.
Specific pins, such as those used for connecting a debugger, may be configured differently, as required
by their special function.
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com