Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 112 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 112 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 108Page - STMicroelectronics L99DZ100GP Datasheet HTML 109Page - STMicroelectronics L99DZ100GP Datasheet HTML 110Page - STMicroelectronics L99DZ100GP Datasheet HTML 111Page - STMicroelectronics L99DZ100GP Datasheet HTML 112Page - STMicroelectronics L99DZ100GP Datasheet HTML 113Page - STMicroelectronics L99DZ100GP Datasheet HTML 114Page - STMicroelectronics L99DZ100GP Datasheet HTML 115Page - STMicroelectronics L99DZ100GP Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 197 page
background image
Application information
L99DZ100G, L99DZ100GP
112/197
DS11546 Rev 5
own internal supply and an own oscillator for monitoring the failure signals (WWD, V1 fail,
SPI fail & Tj) which are Manchester encoded and decoupled by high ohmic resistances. In
case of fail-safe event, both LS switches LS1_FSO and LS2_FSO are switched on.
In case of entering V1_standby mode or Vbat_standby mode both fail safe low-side
switches are switched on to minimize the current drawn by the fail safe block (e.g. oscillator
is switched off and Manchester Encoding is deactivated). Short circuit protection to VS is
active in both standby modes limiting the current to IOLimit for a filter of tSCF.
After this filter time the fail-safe switches are switched off and LSxFSO_OC (SR 3) is set. To
reactivate the low-side functionality this bit has to be set back by a read and clear command.
In case of VS loss the fail safe switches are biased by their own output voltage to turn on the
low-side switches down to VOUT_max.
To allow verification of the Fail-Safe path, the low-side switches LS1_FSO and LS2_FSO
can be turned on by SPI (Configuration Register 0x3F bit 4: FS_FORCED)
Figure 46. LSx_FSO: low-side driver “passively” turned on, taking supply from output
pin (if main supply fails), can guarantee VLSx_FSO < VOUT_max
Figure 47. Safety concept



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com