Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 114 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 114 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 110Page - STMicroelectronics L99DZ100GP Datasheet HTML 111Page - STMicroelectronics L99DZ100GP Datasheet HTML 112Page - STMicroelectronics L99DZ100GP Datasheet HTML 113Page - STMicroelectronics L99DZ100GP Datasheet HTML 114Page - STMicroelectronics L99DZ100GP Datasheet HTML 115Page - STMicroelectronics L99DZ100GP Datasheet HTML 116Page - STMicroelectronics L99DZ100GP Datasheet HTML 117Page - STMicroelectronics L99DZ100GP Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 197 page
background image
Application information
L99DZ100G, L99DZ100GP
114/197
DS11546 Rev 5
Note:
RL = resistive low, L = active low, H = active high.
4.32
Controller of electro-chromic glass
The voltage of an electro-chromic element connected at pin ECV can be controlled to a
target value, which is set by the bits EC_x <5:0> (CR 11). Setting bit ECON (CR 11) enables
this function. An on-chip differential amplifier and an external MOS source follower, with its
gate connected to pin ECDR, and which drives the electro-chrome mirror voltage at pin
ECV, form the control loop. The drain of the external MOS transistor is supplied by OUT10.
A diode from pin ECV (anode) to pin ECDR (cathode) has been placed on the chip to
protect the external MOS source follower. A capacitor of at least 5 nF has to be added to pin
ECDR for loop-stability.
The target voltage is binary coded with a full-scale range of 1.5 V. If bit ECV_HV (Config
Reg) is set to 0, the maximum controller output voltage is clamped to 1.2 V without changing
the resolution of bits EC_x<5:0> (CR 11). When programming the ECV low-side driver
ECV_LS (CR 11) to on-state, the voltage at pin ECV is pulled to ground by a 1.6 Ω low-side
switch until the voltage at pin ECV is less than dVECVhi higher than the target voltage (fast
discharge). The status of the voltage control loop is reported via SPI. Bit ECV_VHI (SR 6) is
set, if the voltage at pin ECV is higher, whereas Bit ECV_VNR (SR 6) is set, if the voltage at
pin ECV is lower than the target value. Both status bits are valid, if they are stable for at
least the filter time tFEC_VNR and tFEC_VHI. Since OUT10 is the output of a high-side driver, it
contains the same diagnose functions as the other high-side drivers (e.g. during an
overcurrent detection, the control loop is switched off). In electro-chrome mode, OUT10
cannot be controlled by PWM mode. For EMS reasons, the loop capacitor at pin ECDR as
well as the capacitor between ECV and GND has to be placed to the respective pins as
close as possible (seeFigure 49: Electro-chrome control block for details).
Pin ECDR is pulled resistively (RECDRDIS) to ground while not in electro-chrome mode.
EC glass control behavior in case of failure on OUT10:
Table 69. Heater MOSFET control truth table
Control bit
Failure bits
Output pin
Comment
Nb
GH
ON/OFF
CP_LOW VS_OV VS_UV
DS
TSD1
GHheater
1
x
1
x
x
x
x
RL
Charge puump voltage too low
2
x
0
x
x
x
1
RL
Thermal shutdown
3
x
0
1
x
x
0
L
Overload
4
1
0
0
x
1
0
L
Short-circuit condition
5
x
0
0
1
0
0
L
Undervoltage
6
1
0
0
0
0
0
H
Heater MOFET driver enabled
7
0
0
0
0
0
0
L
Heater MOFET driver enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com