Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 113 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 113 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 109Page - STMicroelectronics L99DZ100GP Datasheet HTML 110Page - STMicroelectronics L99DZ100GP Datasheet HTML 111Page - STMicroelectronics L99DZ100GP Datasheet HTML 112Page - STMicroelectronics L99DZ100GP Datasheet HTML 113Page - STMicroelectronics L99DZ100GP Datasheet HTML 114Page - STMicroelectronics L99DZ100GP Datasheet HTML 115Page - STMicroelectronics L99DZ100GP Datasheet HTML 116Page - STMicroelectronics L99DZ100GP Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 197 page
background image
DS11546 Rev 5
113/197
L99DZ100G, L99DZ100GP
Application information
196
4.31
Heater MOSFET Driver
The Heater MOSFET Driver stage is controlled by control bit GH (CR 5). The driver contains
two diagnosis features to indicate short-circuit in active mode (external MOSFET switched
on) and open-load in off state (External MOSFET switched off).
Short circuit detection in on state is realized by monitoring the drain source voltage of the
activated external MOSFET by a comparator to detect a short-circuit of SHheater to ground. If
the voltage-drop over the external MOSFET exceeds the programmed threshold voltage
VSCd_HE for longer than the drain-source monitor filter time tSCd_HE the gate driver switches
off the external MOSFET and the corresponding drain source monitoring flag
DSMON_HEAT (SR 4) is set. The drain source-monitoring bit has to be cleared by SPI to
reactivate the gate driver. The drain source monitoring is only active while the gate driver is
activated. If a drain source monitoring event is detected, the gate-driver remains activated
for the maximum filter time. The threshold voltage can be programmed by SPI bits GH_THx
(CR 10).
Open-load detection in off state is realized by monitoring the voltage difference between
SHheater and GND and supplying SHheater by a pull up current source that can be controlled
by SPI bit GH_OL_EN (CR 10). When no load is connected to the external MOSFET
source, the voltage will be pulled to VS and in case of exceeding the threshold VOLheater for
a time longer than the open-load filter time tOL_He the open-load bit GH_OL (SR 5) will be
set.
Figure 48. Heater MOSFET open-load and short-circuit to GND detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com