Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 116 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 116 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 112Page - STMicroelectronics L99DZ100GP Datasheet HTML 113Page - STMicroelectronics L99DZ100GP Datasheet HTML 114Page - STMicroelectronics L99DZ100GP Datasheet HTML 115Page - STMicroelectronics L99DZ100GP Datasheet HTML 116Page - STMicroelectronics L99DZ100GP Datasheet HTML 117Page - STMicroelectronics L99DZ100GP Datasheet HTML 118Page - STMicroelectronics L99DZ100GP Datasheet HTML 119Page - STMicroelectronics L99DZ100GP Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 197 page
background image
Application information
L99DZ100G, L99DZ100GP
116/197
DS11546 Rev 5
the outputs are switched off. Therefore the minimum time after which the outputs are
switched off after the bits have been cleared in case the temperature is still above the
thermal shutdown threshold is twice the thermal warning/ thermal shutdown filter time tjtft.
4.34
Thermal clusters
In order to provide an advanced on-chip temperature control, the power outputs are
grouped in six clusters with dedicated thermal sensors. The sensors are suitably located on
the device (see Figure 50: Thermal clusters identification). In case the temperature of an
output cluster reaches the thermal shutdown threshold, the outputs assigned to this cluster
are shut down (all other outputs remain active). Each output cluster has a dedicated
temperature warning and shutdown flag (SR 6) and the cluster temperature can be read out
by SPI.
Hence, the thermal cluster concept allows to identify a group of outputs in which one or
more channels are in overload condition.
If thermal shutdown has occurred within an output cluster, or if temperature is rising within a
cluster, it may be desired to identify which of the output (s) is (are) determining the
temperature increase. An additional evaluation, based on current monitoring and cluster
temperature read-out, supports identification of the outputs mainly contributing to the
temperature increase. The cluster temperatures are available in SR 7, SR 8 and SR 9 and
can be calculated from the binary coded register value using the following formula:
Decimal code = (350 – Temp) / 0.488
Example:
T = -40 °C => decimal code is 799 (0x31F)
T = 25 °C => decimal code is 666 (0x29A)
Thermal clusters can be configured using bit TSD_CONFIG (Config Reg):
Standard mode (default): as soon as any cluster reaches thermal threshold the device
is switched off. V1 regulator remains on and is switched off reaching TSD2.
Cluster mode: only the cluster which reached shutdown temperature is switched off.
If Cluster Th_CL6 (global) or Cluster Th_CL5 (Voltage Regulators) reachTSD1, the whole
device is OFF (beside V1).
Note:
Clusters related to power outputs (clusters 1 to 4, see Figure 50: Thermal clusters
identification) will be managed digitally only, by mean of the ADC conversion of related
thermal sensors, while clusters 5 and 6 will be managed in an analog way (comparators)
since ADC can be off, e.g. in V1_standby mode. Temperature reading provided by ADC may
differ from real junction temperature of a specific output due to spatial placement of thermal
sensor. Such an effect is more visible during fast thermal increases of junction temperature.
For some of the Power outputs, located between two different sensors, it may happen that
temperature raising also affects the adjacent Cluster.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com