Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46TR16640C Datasheet(PDF) 85 Page - Integrated Silicon Solution, Inc

Part # IS46TR16640C
Description  128MX8, 64MX16 1Gb DDR3 SDRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46TR16640C Datasheet(HTML) 85 Page - Integrated Silicon Solution, Inc

Back Button IS46TR16640C Datasheet HTML 81Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 82Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 83Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 84Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 85Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 86Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 87Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 88Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 89Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 85 / 89 page
background image
IS43/46TR16640C, IS43/46TR16640CL
IS43/46TR81280C, IS43/46TR81280CL
Integrated Silicon Solution, Inc. – www.issi.com –
85
Rev. E
12/27/2024
ORDERING INFORMATION, 64MX16, 1.35V (DDR3L)
64Mx16 - Commercial Range: (0°C
≤ TC ≤ 95°C)
Data Rate
CL-tRCD-tRP
Order Part No.
Package
1600MT/s
10-10-10
IS43TR16640CL-125JBL
96-ball BGA, green
1866MT/s
13-13-13
IS43TR16640CL-107MBL
96-ball BGA, green
64Mx16 - Industrial Range: (–40°C
≤ TC ≤ 95°C)
Data Rate
CL-tRCD-tRP
Order Part No.
Package
1600MT/s
10-10-10
IS43TR16640CL-125JBLI
96-ball BGA, green
1866MT/s
13-13-13
IS43TR16640CL-107MBLI
96-ball BGA, green
64Mx16 – Automotive, A1 Range: (–40°C
≤ TC ≤ 95°C)
Data Rate
CL-tRCD-tRP
Order Part No.
Package
1600MT/s
10-10-10
IS46TR16640CL-125JBLA1
96-ball BGA, green
1866MT/s
13-13-13
IS46TR16640CL-107MBLA1
96-ball BGA, green
64Mx16 – Automotive, A2 Range: (–40°C
≤ TC ≤ 105°C)
Data Rate
CL-Trcd-Trp
Order Part No.
Package
1600MT/s
10-10-10
IS46TR16640CL-125JBLA2
96-ball BGA, green
1600MT/s
10-10-10
IS46TR16640CL-125JB2LA2
96-ball BGA (7.5mm x 13mm), green
1866MT/s
13-13-13
IS46TR16640CL-107MBLA2
96-ball BGA, green
64Mx16 – Automotive, A25 Range: (–40°C
≤ TC ≤ 115°C)
Data Rate
CL-Trcd-Trp
Order Part No.
Package
1600MT/s
10-10-10
IS46TR16640CL-125JBLA25
96-ball BGA, green
64Mx16 – Automotive, A3 Range: (–40°C
≤ TC ≤ 125°C)
Data Rate
CL-Trcd-Trp
Order Part No.
Package
1866MT/s
13-13-13
IS46TR16640CL-107MBLA3
96-ball BGA, green
2133MT/s
14-14-14
IS46TR16640CL-093NBLA3
96-ball BGA, green
Note:
1. All products listed above are green. This refers to the package being RoHS Compliant, Halogen-free and TSCA Compliant.
2. Optionally, the code -TR may be appended to a part number to indicate Tape & Reel packing format.
3. A part number with “B2” denotes a 96-ball BGA package with dimensions 7.5mm x 13mm. Otherwise, the package is a 96-ball BGA with dimensions
9mm x 13mm for x16, or 78-ball with dimensions 8mm x 10.5mm for x8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com