Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46TR16640C Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS46TR16640C
Description  128MX8, 64MX16 1Gb DDR3 SDRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46TR16640C Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS46TR16640C Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 89 page
background image
IS43/46TR16640C, IS43/46TR16640CL
IS43/46TR81280C, IS43/46TR81280CL
Integrated Silicon Solution, Inc. – www.issi.com –
8
Rev. E
12/27/2024
2.2.2 Reset Initialization with Stable Power
The following sequence is required for RESET at no power interruption initialization.
1. Asserted RESET below 0.2 * VDD anytime when reset is needed (all other inputs may be undefined). RESET
needs to be maintained for minimum 100 ns. CKE is pulled “LOW” before RESET being de-asserted (min. time 10
ns).
2. Follow Power-up Initialization Sequence steps 2 to 11.
3. The Reset sequence is now completed; DDR3 SDRAM is ready for normal operation.
Figure2.1.2 Reset Procedure at Power Stable Condition
2.3 Register Definition
2.3.1 Programming the Mode Registers
For application flexibility, various functions, features, and modes are programmable in four Mode Registers, provided by
the DDR3 SDRAM, as user defined variables and they must be programmed via a Mode Register Set (MRS) command.
As the default values of the Mode Registers (MR#) are not defined, contents of Mode Registers must be fully initialized
and/or re-initialized, i.e. written, after power up and/or reset for proper operation. Also the contents of the Mode Registers
can be altered by re-executing the MRS command during normal operation. When programming the mode registers, even
if the user chooses to modify only a sub-set of the MRS fields, all address fields within the accessed mode register must
be redefined when the MRS command is issued. MRS command and DLL Reset do not affect array contents, which
means these commands can be executed any time after power-up without affecting the array contents The mode register
set command cycle time, tMRD is required to complete the write operation to the mode register and is the minimum time
required between two MRS commands shown as below.
Ta
CK,CK#
VDD,VDDQ
RESET#
CKE
CMMAND
BA
ODT
RTT
Tb
T=100nS
Tmin=10nS
T=500µS
tCKSRX
tIS
tIS
tIS
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
Tc
Td
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
tXPR
tMRD
tMRD
tMRD
tMOD
tZQinit
tDLLK
tIS
Valid
Valid
Valid
Valid
MRD
MRD
MRD
MRD
ZQCL
1)
MR2
MR3
MR1
MR0
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
( (
) )
Te
Tf
Tg
Th
Ti
Tj
Tk
Note1. From time point “Td” until “Tk” NOP or DES commands must be
applied between MRS and ZQCL commands.
Time
Break
DON’T
CARE
Static LOW in case RTT_Nom is enabled at time Tg, otherwise static HIGH or LOW
1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com