Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46TR16640C Datasheet(PDF) 32 Page - Integrated Silicon Solution, Inc

Part # IS46TR16640C
Description  128MX8, 64MX16 1Gb DDR3 SDRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46TR16640C Datasheet(HTML) 32 Page - Integrated Silicon Solution, Inc

Back Button IS46TR16640C Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 32Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 33Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 34Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 35Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 36Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 89 page
background image
IS43/46TR16640C, IS43/46TR16640CL
IS43/46TR81280C, IS43/46TR81280CL
Integrated Silicon Solution, Inc. – www.issi.com –
32
Rev. E
12/27/2024
4.3. AC and DC Logic Input Levels for Differential Signals
4.3.1 Differential signal definition
Figure 4.3.1 Definition of differential ac-swing and “time above ac-level”
4.3.2
Differential swing requirements for clock (CK - CK#) and strobe (DQS - DQS#)
4.3.2.1 Differential AC and DC Input Levels
Symbol
Parameter
DDR3-800, 1066, 1333, 1600, 1866, 2133
unit
Notes
Min
Max
VIHdiff
Differential input logic high
+0.200
Note3
V
1
VILdiff
Differential input logic low
Note3
-0.200
V
1
VIHdiff(ac)
Differential input high ac
2 x ( VIH(ac) – Vref )
Note3
V
2
VILdiff(ac)
Differential input low ac
Note3
2 x ( Vref - VIL(ac) )
V
2
Symbol
Parameter
DDR3L-800, 1066, 1333, 1600, 1866, 2133
unit
Notes
Min
Max
VIHdiff
Differential input logic high
+0.180
Note3
V
1
VILdiff
Differential input logic low
Note3
-0.180
V
1
VIHdiff(ac)
Differential input high ac
2 x ( VIH(ac) – Vref )
Note3
V
2
VILdiff(ac)
Differential input low ac
Note3
2 x ( Vref - VIL(ac) )
V
2
Notes:
1. Used to define a differential signal slew-rate.
2. For CK - CK# use VIH/VIL(ac) of ADD/CMD and VREFCA; for DQS - DQS#, DQSL, DQSL#, DQSU, DQSU# use VIH/VIL(ac) of DQs and VREFDQ; if
a reduced ac-high or ac-low level is used for a signal group, then the reduced level applies also here.
3. These values are not defined; however, the single-ended signals CK, CK#, DQS, DQS#, DQSL, DQSL#, DQSU, DQSU# need to be within the
respective limits (VIH(dc) max, VIL(dc)min) for single-ended signals as well as the limitations for overshoot and undershoot
tDVAC
VIH.DIFF.AC.MIN
VIH.DIFF.MIN
VIL.DIFF.MAX
VIL.DIFF.AC.MAX
Half cycle
tDVAC
time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com