Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46TR16640C Datasheet(PDF) 64 Page - Integrated Silicon Solution, Inc

Part # IS46TR16640C
Description  128MX8, 64MX16 1Gb DDR3 SDRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46TR16640C Datasheet(HTML) 64 Page - Integrated Silicon Solution, Inc

Back Button IS46TR16640C Datasheet HTML 60Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 61Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 62Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 63Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 64Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 65Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 66Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 67Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 68Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 89 page
background image
IS43/46TR16640C, IS43/46TR16640CL
IS43/46TR81280C, IS43/46TR81280CL
Integrated Silicon Solution, Inc. – www.issi.com –
64
Rev. E
12/27/2024
Min.
Max.
Min.
Max.
Data Timing
DQS, DQS# to DQ skew, per group, per
access
tDQSQ
-
125
-
100
ps
13
DQ output hold time from DQS, DQS#
tQH
0.38
-
0.38
-
tCK(avg)
13,g
DQ low-impedance time from CK, CK#
tLZ(DQ)
-500
250
-450
225
ps
13,14,f
DQ high impedance time from CK, CK#
tHZ(DQ)
-
250
-
225
ps
13,14,f
Data setup time to DQS, DQS# referenced to
Vih(ac) / Vil(ac) levels
tDS(base)
AC150
See table for Data Setup and Hold
ps
d,17
Data setup time to DQS, DQS# referenced to
Vih(ac) / Vil(ac) levels
tDS(base)
AC135
ps
d,17
Data hold time from DQS, DQS# referenced
to Vih(dc) / Vil(dc) levels
tDH(base)
DC100 or
DC90
ps
d,17
DQ and DM Input pulse width for each input
tDIPW
400
-
360
-
ps
28
Data Strobe Timing
DQS,DQS# differential READ Preamble
tRPRE
0.9
Note 19
0.9
Note
19
tCK(avg)
13,19,g
DQS, DQS# differential READ Postamble
tRPST
0.3
Note 11
0.3
Note
11
tCK(avg)
11,13,g
DQS, DQS# differential output high time
tQSH
0.4
-
0.4
-
tCK(avg)
13,g
DQS, DQS# differential output low time
tQSL
0.4
-
0.4
-
tCK(avg)
13,g
DQS, DQS# differential WRITE Preamble
tWPRE
0.9
-
0.9
-
tCK(avg)
1
DQS, DQS# differential WRITE Postamble
tWPST
0.3
-
0.3
-
tCK(avg)
1
DQS, DQS# rising edge output access time
from rising CK, CK#
tDQSCK
-255
255
-225
225
ps
13,f
DQS and DQS# low-impedance time
(Referenced from RL - 1)
tLZ(DQS)
-500
250
-450
225
ps
13,14,f
DQS and DQS# high-impedance time
(Referenced from RL + BL/2)
tHZ(DQS)
-
250
-
225
ps
13,14,f
DQS, DQS# differential input low pulse width
tDQSL
0.45
0.55
0.45
0.55
tCK(avg)
29,31
DQS, DQS# differential input high pulse width
tDQSH
0.45
0.55
0.45
0.55
tCK(avg)
30,31
DQS, DQS# rising edge to CK, CK# rising edge
tDQSS
-0.25
0.25
-0.27
0.27
tCK(avg)
c
DQS, DQS# falling edge setup time to CK,
CK# rising edge
tDSS
0.2
-
0.18
-
tCK(avg)
c,32
DQS, DQS# falling edge hold time from CK,
CK# rising edge
tDSH
0.2
-
0.18
-
tCK(avg)
c,32
Command and Address Timing
DLL locking time
tDLLK
512
-
512
-
nCK
Internal READ Command to PRECHARGE
Command delay
tRTP
tRTPmin.: max(4nCK, 7.5ns)
e,33
tRTPmax.: -
Delay from start of internal write transaction to
internal read command
tWTR
tWTRmin.: max(4nCK, 7.5ns)
e,18
tWTRmax.:
WRITE recovery time
tWR
15
-
15
-
ns
e,18,33,34
Mode Register Set command cycle time
tMRD
4
-
4
-
nCK
Mode Register Set command update delay
tMOD
tMODmin.: max(12nCK, 15ns)
tMODmax.:
ACT to internal read or write delay time
tRCD
Standard Speed Bins
e
PRE command period
tRP
Standard Speed Bins
e
ACT to ACT or REF command period
tRC
Standard Speed Bins
e
CAS# to CAS# command delay
tCCD
4
-
4
-
nCK
Auto precharge write recovery + precharge time
tDAL(min)
WR + roundup(tRP / tCK(avg))
nCK
Multi-Purpose Register Recovery Time
tMPRR
1
-
1
-
nCK
22
ACTIVE to PRECHARGE command period
tRAS
Standard Speed Bins
e,33
ACTIVE to ACTIVE command period for 1KB
page size
tRRD
max(4nCK,
6ns)
-
max(4nCK,
6ns)
-
e
Parameter
Symbol
DDR3/DDR3L-1333
DDR3/DDR3L-1600
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com