Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46TR16640C Datasheet(PDF) 76 Page - Integrated Silicon Solution, Inc

Part # IS46TR16640C
Description  128MX8, 64MX16 1Gb DDR3 SDRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46TR16640C Datasheet(HTML) 76 Page - Integrated Silicon Solution, Inc

Back Button IS46TR16640C Datasheet HTML 72Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 73Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 74Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 75Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 76Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 77Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 78Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 79Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 80Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 89 page
background image
IS43/46TR16640C, IS43/46TR16640CL
IS43/46TR81280C, IS43/46TR81280CL
Integrated Silicon Solution, Inc. – www.issi.com –
76
Rev. E
12/27/2024
9.5.8 Derating values [ps] for DDR3-1866/2133 tIS/tIH - AC/DC based AC125 Threshold
AC125 Threshold -> VIH(ac) = VREF(dc) + 125mV, VIL(ac) = VREF(dc) - 125mV
DDR3
CK, CK# Differential Slew Rate
4.0V/ns
3.0V/ns
2.0V/ns
1.8V/ns
1.6V/ns
1.4V/ns
1.2V/ns
1.0V/ns
ΔtIS
ΔtIH
ΔtIS
ΔtIH
ΔtIS
ΔtIH
ΔtIS
ΔtIH
ΔtIS
ΔtIH
ΔtIS
ΔtIH
ΔtIS
ΔtIH
ΔtIS
ΔtIH
CMD/ADD
Slew Rate
V/ns
2
63
50
63
50
63
50
71
58
79
66
87
74
95
84
103
100
1.5
42
34
42
34
42
34
50
42
58
50
66
58
74
68
82
84
1
0
0
0
0
0
0
8
8
16
16
24
24
32
34
40
50
0.9
4
-4
4
-4
4
-4
12
4
20
12
28
20
36
30
44
46
0.8
6
-10
6
-10
6
-10
14
-2
22
6
30
14
38
24
46
40
0.7
11
-16
11
-16
11
-16
19
-8
27
0
35
8
43
18
51
34
0.6
16
-26
16
-26
16
-26
24
-18
32
-10
40
-2
48
8
56
24
0.5
15
-40
15
-40
15
-40
23
-32
31
-24
39
-16
47
-6
55
10
0.4
13
-60
13
-60
13
-60
21
-52
29
-44
37
-36
45
-26
53
-10
9.5.9 Required minimum time tVAC above VIH(ac) {below VIL(ac)} for valid ADD/CMD transition
Slew
Rate
[V/ns]
DDR3
DDR3L
800/1066/1333/1600
1866/2133
800/1066/1333/1600
1866/2133
175mV
[ps]
150mV
[ps]
135mV
[ps]
125mV
[ps]
160mV
[ps]
135mV
[ps]
135mV
[ps]
125mV
[ps]
> 2.0
75
175
168
173
200
213
200
205
2
57
170
168
173
200
213
200
205
1.5
50
167
145
152
173
190
178
184
1
38
130
100
110
120
145
133
143
0.9
34
113
85
96
102
130
118
129
0.8
29
93
66
79
80
111
99
111
0.7
22
66
42
56
51
87
75
89
0.6
Note
30
10
27
13
55
43
59
0.5
Note
Note
Note
Note
Note
10
Note
18
< 0.5
Note
Note
Note
Note
Note
10
Note
18
Note:
The rising input signal shall become equal to or greater than VIH(ac) level; and the falling input signal shall become equal to or less than VIL(ac) level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com