Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46TR16640C Datasheet(PDF) 38 Page - Integrated Silicon Solution, Inc

Part # IS46TR16640C
Description  128MX8, 64MX16 1Gb DDR3 SDRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46TR16640C Datasheet(HTML) 38 Page - Integrated Silicon Solution, Inc

Back Button IS46TR16640C Datasheet HTML 34Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 35Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 36Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 37Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 38Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 39Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 40Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 41Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 42Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 89 page
background image
IS43/46TR16640C, IS43/46TR16640CL
IS43/46TR81280C, IS43/46TR81280CL
Integrated Silicon Solution, Inc. – www.issi.com –
38
Rev. E
12/27/2024
5.4 Differential Output Slew Rate
5.4.1 Differential Output Slew Rate Definition
Description
Measured
Defined by
From
To
Differential output slew rate for rising
VOLdiff(AC)
VOHdiff(AC)
[VOHdiff(AC)-VOLdiff(AC)]/DeltaTRdiff
Differential output slew rate for falling
VOHdiff(AC)
VOLdiff(AC)
[VOHdiff(AC)-VOLdiff(AC)]/DeltaTFdiff
Note: Output slew rate is verified by design and characterization, and not 100% tested in production
.
Figure 5.4.1 Differential Output Slew Rate Definition
5.4.2 Differential Output Slew Rate
Parameter
Symbol
DDR3-800
DDR3-1066
DDR3-1333
DDR3-1600
DDR3-1866
DDR3-2133
Unit
Min.
Max.
Min.
Max.
Max.
Max.
Max.
Max.
Max.
Max.
Max.
Max.
Differential
Output
Slew Rate
DDR3
SRQdiff
5
10
5
10
5
10
5
10
5
10
5
10
V/ns
DDR3L
3.5
12
3.5
12
3.5
12
3.5
12
3.5
12
3.5
12
Description: SR: Slew Rate, Q: Query Output (like in DQ, which stands for Data-in, Query-Output), diff: Differential Signals, For Ron = RZQ/7 setting
5.5 Reference Load for AC Timing and Output Slew Rate
The following figure represents the effective reference load of 25 ohms used in defining the relevant AC timing parameters
of the device as well as output slew rate measurements. It is not intended as a precise representation of any particular
system environment or a depiction of the actual load presented by a production tester. System designers should use IBIS
or other simulation tools to correlate the timing reference load to a system environment. Manufacturers correlate to their
production test conditions, generally one or more coaxial transmission lines terminated at the tester electronics.
Figure 5.5 Reference Load for AC Timing and Output Slew Rate
CK,CK#
DUT
DQ,
DQS,
DQS#
VDDQ
25ohm
VTT=VDDQ/2
Timing Reference Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com