Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46TR16640C Datasheet(PDF) 26 Page - Integrated Silicon Solution, Inc

Part # IS46TR16640C
Description  128MX8, 64MX16 1Gb DDR3 SDRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46TR16640C Datasheet(HTML) 26 Page - Integrated Silicon Solution, Inc

Back Button IS46TR16640C Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 30Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 89 page
background image
IS43/46TR16640C, IS43/46TR16640CL
IS43/46TR81280C, IS43/46TR81280CL
Integrated Silicon Solution, Inc. – www.issi.com –
26
Rev. E
12/27/2024
2.4.8.2 Self-Refresh Temperature Range - SRT
If ASR is not enabled (MR2 A6 = 0b), the Self-Refresh Temperature (SRT) Range bit (MR2 A7) must be programmed to
guarantee proper self-refresh operation. If the SRT bit is set to 0b, the DRAM will set an appropriate refresh rate for Self-
Refresh operation in the Normal Temperature Range. In this case, the DRAM should not be operated outside the Normal
Temperature Range. If the SRT bit is set to 1b, the DRAM will set an appropriately increased refresh rate to allow Self-
Refresh operation in either the Normal or Extended Temperature Ranges. The value of the SRT bit can affect power
consumption in Self-Refresh mode.
If ASR is to be enabled, the ASR bit (MR2 A6) must be set to 1b and the SRT bit (MR A7) must be set to 0b. If the ASR
bit is set to 1b, and the SRT bit is set to 1b, the ASR mode will not be enabled; in this case, the device will configure a
Self-refresh rate that allows operation for all Temperature Ranges.
Self-Refresh Mode Summary
MR2
A[6]
MR2
A[7]
Self-Refresh operation
Allowed Operating Temperature Range for
Self-Refresh Mode
0
0
Self-refresh rate appropriate for the Normal Temperature Range
Normal (-40 to 85 oC)
0
1
Self-refresh rate appropriate for all Temperature Ranges. The
value of the SRT bit can affect self-refresh power consumption;
please refer to the IDD table for details.
Normal (-40 to 85 oC) and Extended (85 to
105oC)
1
0
ASR enabled. Self-Refresh power consumption is temperature
dependent
Normal (-40 to 85 oC) and Extended (85 to
105oC)
1
1
ASR not enabled. Self-refresh rate appropriate for all Temperature
Ranges. (To preserve compliance with JEDEC specification, this
combination of settings is not recommended.)
Normal (-40 to 85 oC) and Extended (85 to
105oC)
Notes:
1. Self-Refresh Mode operation above 95°C is permitted only for Automotive grades A2, A25, and A3, as long as TOPER is below 105°C.
2. Self-Refresh Mode operation below 0°C is not permitted for Commercial grade.
3. The specifications and notes shown in Component Operating Temperature Range, section 3.2 always apply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com