Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46TR16640C Datasheet(PDF) 63 Page - Integrated Silicon Solution, Inc

Part # IS46TR16640C
Description  128MX8, 64MX16 1Gb DDR3 SDRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46TR16640C Datasheet(HTML) 63 Page - Integrated Silicon Solution, Inc

Back Button IS46TR16640C Datasheet HTML 59Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 60Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 61Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 62Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 63Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 64Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 65Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 66Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 67Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 89 page
background image
IS43/46TR16640C, IS43/46TR16640CL
IS43/46TR81280C, IS43/46TR81280CL
Integrated Silicon Solution, Inc. – www.issi.com –
63
Rev. E
12/27/2024
Min.
Max.
Min.
Max.
ODT high time with Write command and BL8
ODTH8
ODTH8min.: 6
nCK
ODTH8max.: -
Asynchronous RTT turn-on delay (Power-
Down with DLL frozen)
tAONPD
2
8.5
2
8.5
ns
Asynchronous RTT turn-off delay (Power-
Down with DLL frozen)
tAOFPD
2
8.5
2
8.5
ns
RTT turn-on
tAON
-400
400
-300
300
ps
7,f
RTT_Nom and RTT_WR turn-off time from
ODTLoff reference
tAOF
0.3
0.7
0.3
0.7
tCK(avg)
8,f
RTT dynamic change skew
tADC
0.3
0.7
0.3
0.7
tCK(avg)
f
Write Leveling Timings
First DQS/DQS# rising edge after write
leveling mode is programmed
tWLMRD
40
-
40
-
nCK
3
DQS/DQS# delay after write leveling mode is
programmed
tWLDQSEN
25
-
25
-
nCK
3
Write leveling setup time from rising CK, CK#
crossing to rising DQS, DQS# crossing
tWLS
325
-
245
-
ps
Write leveling hold time from rising DQS,
DQS# crossing to rising CK, CK# crossing
tWLH
325
-
245
-
ps
Write leveling output delay
tWLO
0
9
0
9
ns
Write leveling output error
tWLOE
0
2
0
2
ns
9.2 Timing Parameter by Speed Bin (DDR3-1333, DDR3-1600)
Parameter
Symbol
DDR3/DDR3L-1333
DDR3/DDR3L-1600
Units
Notes
Min.
Max.
Min.
Max.
Clock Timing
Minimum Clock Cycle Time (DLL off mode)
tCK(DLL_OFF)
5
7800
5
7800
ns
6,35
Average Clock Period
tCK(avg)
Refer to Standard Speed Bins
ps
Average high pulse width
tCH(avg)
0.47
0.53
0.47
0.53
tCK(avg)
Average low pulse width
tCL(avg)
0.47
0.53
0.47
0.53
tCK(avg)
Absolute Clock Period
tCK(abs)
Min.: tCK(avg)min + tJIT(per)min
ps
Max.: tCK(avg)max + tJIT(per)max
Absolute clock HIGH pulse width
tCH(abs)
0.43
-
0.43
-
tCK(avg)
25
Absolute clock LOW pulse width
tCL(abs)
0.43
-
0.43
-
tCK(avg)
26
Clock Period Jitter
tJIT(per)
-80
80
-70
70
ps
Clock Period Jitter during DLL locking period
tJIT(per, lck)
-70
70
-60
60
ps
Cycle to Cycle Period Jitter
tJIT(cc)
160
140
ps
Cycle to Cycle Period Jitter during DLL
locking period
tJIT(cc, lck)
140
120
ps
Duty Cycle Jitter
tJIT(duty)
-
-
-
-
ps
Cumulative error across 2 cycles
tERR(2per)
-118
118
-103
103
ps
Cumulative error across 3 cycles
tERR(3per)
-140
140
-122
122
ps
Cumulative error across 4 cycles
tERR(4per)
-155
155
-136
136
ps
Cumulative error across 5 cycles
tERR(5per)
-168
168
-147
147
ps
Cumulative error across 6 cycles
tERR(6per)
-177
177
-155
155
ps
Cumulative error across 7 cycles
tERR(7per)
-186
186
-163
163
ps
Cumulative error across 8 cycles
tERR(8per)
-193
193
-169
169
ps
Cumulative error across 9 cycles
tERR(9per)
-200
200
-175
175
ps
Cumulative error across 10 cycles
tERR(10per)
-205
205
-180
180
ps
Cumulative error across 11 cycles
tERR(11per)
-210
210
-184
184
ps
Cumulative error across 12 cycles
tERR(12per)
-215
215
-188
188
ps
Cumulative error across n = 13, 14 . . . 49, 50
cycles
tERR(nper)
tERR(nper)min = (1 + 0.68ln(n)) * tJIT(per)min
ps
24
tERR(nper)max = (1 + 0.68ln(n)) *
tJIT(per)max
Parameter
Symbol
DDR3/DDR3L-1333
DDR3/DDR3L-1600
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com