Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46TR16640C Datasheet(PDF) 33 Page - Integrated Silicon Solution, Inc

Part # IS46TR16640C
Description  128MX8, 64MX16 1Gb DDR3 SDRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46TR16640C Datasheet(HTML) 33 Page - Integrated Silicon Solution, Inc

Back Button IS46TR16640C Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 32Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 33Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 34Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 35Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 36Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 37Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 89 page
background image
IS43/46TR16640C, IS43/46TR16640CL
IS43/46TR81280C, IS43/46TR81280CL
Integrated Silicon Solution, Inc. – www.issi.com –
33
Rev. E
12/27/2024
4.3.2.2 Minimum required time before ringback (tDVAC) for CK - CK# and DQS - DQS#
Slew
Rate
[V/ns]
DDR3-800/1066/1333/1600
DDR3-1866/2133
tDVAC [ps] @
|VIH/Ldiff(AC)| =
350mV
tDVAC [ps] @
|VIH/Ldiff(AC)| =
300mV
tDVAC [ps] @
|VIH/Ldiff(AC)| =
(DQS - DQS#) only
tDVAC [ps] @
|VIH/Ldiff(AC)| =
300mV
tDVAC [ps] @
|VIH/Ldiff(AC)| =
(CK - CK#) only
> 4.0
75
175
214
134
139
4
57
170
214
134
139
3
50
167
191
112
118
2
38
119
146
67
77
1.8
34
102
131
52
63
1.6
29
81
113
33
45
1.4
22
54
88
9
23
1.2
Note
19
56
Note
Note
1
Note
Note
11
Note
Note
< 1
Note
Note
Note
Note
Note
Slew
Rate
[V/ns]
DDR3L-800/1066/1333/1600
DDR3L-1866/2133
tDVAC [ps] @
|VIH/Ldiff(AC)| =
320mV
tDVAC [ps] @
|VIH/Ldiff(AC)| =
270mV
tDVAC [ps] @
|VIH/Ldiff(AC)| =
270mV
tDVAC [ps] @
|VIH/Ldiff(AC)| =
250mV
tDVAC [ps] @
|VIH/Ldiff(AC)| =
260mV
> 4.0
189
201
163
168
176
4
189
201
163
168
176
3
162
179
140
147
154
2
109
134
95
105
111
1.8
91
119
80
91
97
1.6
69
100
62
74
78
1.4
40
76
37
52
56
1.2
Note
44
5
22
24
1
Note
Note
Note
Note
Note
< 1
Note
Note
Note
Note
Note
Note: The rising input differential signal shall become equal to or greater than VIHdiff(ac) level; and the falling input differential signal shall become
equal to or less than VILdiff(ac) level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com