Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46TR16640C Datasheet(PDF) 40 Page - Integrated Silicon Solution, Inc

Part # IS46TR16640C
Description  128MX8, 64MX16 1Gb DDR3 SDRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46TR16640C Datasheet(HTML) 40 Page - Integrated Silicon Solution, Inc

Back Button IS46TR16640C Datasheet HTML 36Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 37Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 38Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 39Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 40Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 41Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 42Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 43Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 44Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 89 page
background image
IS43/46TR16640C, IS43/46TR16640CL
IS43/46TR81280C, IS43/46TR81280CL
Integrated Silicon Solution, Inc. – www.issi.com –
40
Rev. E
12/27/2024
5.7
34Ohm Output Driver DC Electrical Characteristics
A Functional representation of the output buffer is shown as below. Output driver impedance RON is defined by the value
ofthe external reference resistor RZQ as follows:
RON34 = RZQ / 7 (nominal 34.4ohms +/-10% with nominal RZQ=240ohms)
The individual pull-up and pull-down resistors (RONPu and RONPd) are defined as follows:
RONPu = [VDDQ-Vout] / | Iout | ------------------- under the condition that RONPd is turned off (1)
RONPd = Vout / | Iout | -------------------------------under the condition that RONPu is turned off (2)
Figure 5.7 Output Driver : Definition of Voltages and Currents
5.7.1 Output Driver DC Electrical Characteristics
DDR3 (assuming 1.5V, RZQ = 240ohms; entire operating temperature range; after proper ZQ calibration)
RONNom
Resistor
Vout
Min
Nom
Max
Unit
Notes
34 ohms
RON34Pd
VOLdc=0.2xVDDQ
0.6
1
1.1
RZQ/7
1,2,3
VOMdc=0.5xVDDQ
0.9
1
1.1
RZQ/7
1,2,3
VOHdc =0.8xVDDQ
0.9
1
1.4
RZQ/7
1,2,3
RON34Pu
VOLdc=0.2xVDDQ
0.9
1
1.4
RZQ/7
1,2,3
VOMdc=0.5xVDDQ
0.9
1
1.1
RZQ/7
1,2,3
VOHdc=0.8xVDDQ
0.6
1
1.1
RZQ/7
1,2,3
40 ohms
RON40Pd
VOLdc=0.2xVDDQ
0.6
1
1.1
RZQ/6
1,2,3
VOMdc=0.5xVDDQ
0.9
1
1.1
RZQ/6
1,2,3
VOHdc =0.8xVDDQ
0.9
1
1.4
RZQ/6
1,2,3
RON40Pu
VOLdc=0.2xVDDQ
0.9
1
1.4
RZQ/6
1,2,3
VOMdc=0.5xVDDQ
0.9
1
1.1
RZQ/6
1,2,3
VOHdc=0.8xVDDQ
0.6
1
1.1
RZQ/6
1,2,3
Mismatch between pull-up and pull-down, MMPuPd
VOMdc= 0.5xVDDQ
-10
+10
%
1,2,4
VDDQ
DQ
VSSQ
RONPu
RONPd
IPu
IPd
Output
Driver
Chip in Drive Mode
Iout
Vout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com