Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46TR16640C Datasheet(PDF) 23 Page - Integrated Silicon Solution, Inc

Part # IS46TR16640C
Description  128MX8, 64MX16 1Gb DDR3 SDRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46TR16640C Datasheet(HTML) 23 Page - Integrated Silicon Solution, Inc

Back Button IS46TR16640C Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 27Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 89 page
background image
IS43/46TR16640C, IS43/46TR16640CL
IS43/46TR81280C, IS43/46TR81280CL
Integrated Silicon Solution, Inc. – www.issi.com –
23
Rev. E
12/27/2024
Figure 2.4.7 Write Leveling Concept
DQS - DQS# driven by the controller during leveling mode must be terminated by the DRAM based on ranks populated.
Similarly, the DQ bus driven by the DRAM must also be terminated at the controller.
One or more data bits carry the leveling feedback to the controller across the DRAM configurations X8 and X16. On a X16
device, both byte lanes should be leveled independently.
Therefore, a separate feedback mechanism should be available for each byte lane. The upper data bits should provide
the feedback of the upper diff_DQS(diff_UDQS) to clock relationship whereas the lower data bits would indicate the lower
diff_DQS(diff_LDQS) to clock relationship.
2.4.7.1 DRAM setting for write leveling & DRAM termination function in that mode
DRAM enters into Write leveling mode if A7 in MR1 set ’High’ and after finishing leveling, DRAM exits from write leveling
mode if A7 in MR1 set ’Low’. Note that in write leveling mode, only DQS/DQS# terminations are activated and deactivated
via ODT pin, unlike normal operation.
MR setting involved in the leveling procedure
Function
MR1
Enable
Disable
Write leveling enable
A7
1
0
Output buffer mode (Qoff)
A12
0
1
DRAM termination function in the leveling mode
ODT pin @DRAM
DQS/DQS# termination
DQs termination
De-asserted
Off
Off
Asserted
On
Off
NOTE: In Write Leveling Mode with its output buffer disabled (MR1[bit7] = 1 with MR1[bit12] = 1) all RTT_Nom settings are allowed; in Write Leveling
Mode with its output buffer enabled (MR1[bit7] = 1 with MR1[bit12] = 0) only RTT_Nom settings of RZQ/2, RZQ/4 and RZQ/6 are allowed.
CK#
CK
diff_DQS
Source
Destination
CK#
CK
diff_DQS
DQ
diff_DQS
DQ
Push DQS to capture
0-1 transition
0 or 1
0
0
0
0 or 1
1
1
1
T0
T1
T2
T3
T4
T5
T6
T7
T0
T1
T2
T3
T4
T5
T6
Tn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com