Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46TR16640C Datasheet(PDF) 48 Page - Integrated Silicon Solution, Inc

Part # IS46TR16640C
Description  128MX8, 64MX16 1Gb DDR3 SDRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46TR16640C Datasheet(HTML) 48 Page - Integrated Silicon Solution, Inc

Back Button IS46TR16640C Datasheet HTML 44Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 45Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 46Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 47Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 48Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 49Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 50Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 51Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 52Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 89 page
background image
IS43/46TR16640C, IS43/46TR16640CL
IS43/46TR81280C, IS43/46TR81280CL
Integrated Silicon Solution, Inc. – www.issi.com –
48
Rev. E
12/27/2024
6. INPUT / OUTPUT CAPACITANCE
Symbol
Parameter
DDR3/
DDR3L-800
DDR3/
DDR3L-1066
DDR3/
DDR3L-1333
DDR3/
DDR3L-1600
DDR3/
DDR3L-1866
DDR3/
DDR3L-2133 Units Notes
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
CIO
Input/output capacitance
(DQ, DM, DQS,
DQS#,TDQS,TDQS#)
DDR3
1.4
3
1.4
2.7
1.4
2.5
1.4
2.3
1.4
2.2
1.4
2.1
pF
1,2,3
DDR3L
1.4
2.5
1.4
2.5
1.4
2.3
1.4
2.2
1.4
2.1
1.4
2.0
CCK
Input capacitance, CK and CK#
0.8
1.6
0.8
1.6
0.8
1.4
0.8
1.4
0.8
1.3
0.8
1.3
pF
2,3
CDCK
Input capacitance delta, CK and CK#
0
0.15
0
0.15
0
0.15
0
0.15
0
0.15
0
0.15
pF
2,3,4
CDDQS
Input/output capacitance delta, DQS
and DQS#
0
0.15
0
0.15
0
0.15
0
0.15
0
0.15
0
0.15
pF
2,3,5
CI
Input capacitance, CTRL,
ADD, command input-only
pins
DDR3
0.75
1.4
0.75
1.35
0.75
1.3
0.75
1.3
0.75
1.2
0.75
1.2
pF
2,3,7,
8
DDR3L
0.75
1.3
0.75
1.3
0.75
1.3
0.75
1.2
0.75
1.2
0.75
1.2
CDI_CTRL
Input capacitance delta, all CTRL
input-only pins
-0.5
0.3
-0.5
0.3
-0.4
0.2
-0.4
0.2
-0.4
0.2
-0.4
0.2
pF
2,3,7,
8
CDI_ADD_C
MD
Input capacitance delta, all
ADD/CMD input-only pins
-0.5
0.5
-0.5
0.5
-0.4
0.4
-0.4
0.4
-0.4
0.4
-0.4
0.4
pF
2,3,9,
10
CDIO
Input/output capacitance delta, DQ,
DM, DQS, DQS# TDQS,TDQS#
-0.5
0.3
-0.5
0.3
-0.5
0.3
-0.5
0.3
-0.5
0.3
-0.5
0.3
pF
2,3,11
CZQ
Input/output capacitance of ZQ pin
-
3
-
3
-
3
-
3
-
3
-
3
pF
2,3,12
Notes:
1. Although the DM, TDQS and TDQS# pins have different functions, the loading matches DQ and DQS
2. This parameter is not subject to production test. It is verified by design and characterization. VDD=VDDQ=1.5V, VBIAS=VDD/2 and on-die
termination off.
3. This parameter applies to monolithic devices only; stacked/dual-die devices are not covered here
4. Absolute value of CCK-CCK#
5. Absolute value of CIO(DQS)-CIO(DQS#)
6. CI applies to ODT, CS#, CKE, A0-A13, BA0-BA2, RAS#,CAS#,WE#.
7. CDI_CTRL applies to ODT, CS# and CKE
8. CDI_CTRL=CI(CTRL)-0.5*(CI(CK)+CI(CK#))
9. CDI_ADD_CMD applies to A0-A13, BA0-BA2, RAS#, CAS# and WE#
10. CDI_ADD_CMD=CI(ADD_CMD) - 0.5*(CI(CK)+CI(CK#))
11. CDIO=CIO(DQ,DM) - 0.5*(CIO(DQS)+CIO(DQS#))
12. Maximum external load capacitance on ZQ pin: 5 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com