Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46TR16640C Datasheet(PDF) 65 Page - Integrated Silicon Solution, Inc

Part # IS46TR16640C
Description  128MX8, 64MX16 1Gb DDR3 SDRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46TR16640C Datasheet(HTML) 65 Page - Integrated Silicon Solution, Inc

Back Button IS46TR16640C Datasheet HTML 61Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 62Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 63Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 64Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 65Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 66Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 67Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 68Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 69Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 89 page
background image
IS43/46TR16640C, IS43/46TR16640CL
IS43/46TR81280C, IS43/46TR81280CL
Integrated Silicon Solution, Inc. – www.issi.com –
65
Rev. E
12/27/2024
Min.
Max.
Min.
Max.
e
ACTIVE to ACTIVE command period for 2KB
page size
tRRD
tRRDmin.: max(4nCK, 7.5ns)
e
tRRDmax.:
Four activate window for 1KB page size
tFAW
30
-
30
-
ns
e
Four activate window for 2KB page size
tFAW
45
-
40
-
ns
e
Command and Address setup time to CK,
CK# referenced to Vih(ac) / Vil(ac) levels
tIS(base)
AC175 or AC160
See table for ADD/CMD Setup and Hold
ps
b,16
Command and Address setup time to CK,
CK# referenced to Vih(ac) / Vil(ac) levels
tIS(base)
AC150 or AC135
ps
b,16,27
Command and Address hold time from CK,
CK# referenced to Vih(dc) / Vil(dc) levels
tIH(base)
DC100 or DC90
ps
b,16
Control and Address Input pulse width for
each input
tIPW
620
-
560
-
ps
28
Calibration Timing
Power-up and RESET calibration time
tZQinit
max (512
nCK, 640ns)
-
max (512
nCK, 640ns)
-
Normal operation Full calibration time
tZQoper
max (256
nCK, 320ns)
-
max (256
nCK, 320ns)
-
Normal operation Short calibration time
tZQCS
max (64
nCK, 80ns)
-
max (64
nCK, 80ns)
-
23
Reset Timing
Exit Reset from CKE HIGH to a valid
command
tXPR
tXPRmin.: max(5nCK, tRFC(min) + 10ns)
tXPRmax.: -
Self Refresh Timings
Exit Self Refresh to commands not requiring a
locked DLL
tXS
tXSmin.: max(5nCK, tRFC(min) + 10ns)
tXSmax.: -
Exit Self Refresh to commands requiring a
locked DLL
tXSDLL
tXSDLLmin.: tDLLK(min)
nCK
tXSDLLmax.: -
Minimum CKE low width for Self Refresh entry
to exit timing
tCKESR
tCKESRmin.: tCKE(min) + 1 nCK
tCKESRmax.: -
Valid Clock Requirement after Self Refresh
Entry (SRE) or Power-Down Entry (PDE)
tCKSRE
tCKSREmin.: max(5 nCK, 10 ns)
tCKSREmax.: -
Valid Clock Requirement before Self Refresh
Exit (SRX) or Power-Down Exit (PDX) or
Reset Exit
tCKSRX
tCKSRXmin.: max(5 nCK, 10 ns)
tCKSRXmax.: -
Power Down Timings
Exit Power Down with DLL on to any valid
command; Exit Precharge Power Down with
DLL frozen to commands not requiring a
locked DLL
tXP
tXPmin.: max(3nCK, 6ns)
tXPmax.: -
Exit Precharge Power Down with DLL frozen
to commands requiring a locked DLL
tXPDLL
tXPDLLmin.: max(10nCK, 24ns)
2
tXPDLLmax.: -
CKE minimum pulse width
tCKE
tCKEmin.: max(3nCK
5.625ns)
tCKEmin.: max(3nCK
5ns)
tCKEmax.: -
tCKEmax.: -
Command pass disable delay
tCPDED
tCPDEDmin.: 1
nCK
tCPDEDmax.: -
Power Down Entry to Exit Timing
tPD
tPDmin.: tCKE(min)
15
tPDmax.: 9*tREFI
Timing of ACT command to Power Down
entry
tACTPDEN
tACTPDENmin.: 1
nCK
20
tACTPDENmax.: -
Timing of PRE or PREA command to Power
Down entry
tPRPDEN
tPRPDENmin.: 1
nCK
20
tPRPDENmax.: -
Timing of RD/RDA command to Power Down
entry
tRDPDEN
tRDPDENmin.: RL+4+1
nCK
tRDPDENmax.: -
Parameter
Symbol
DDR3/DDR3L-1333
DDR3/DDR3L-1600
Units
Notes
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com