Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46TR16640C Datasheet(PDF) 78 Page - Integrated Silicon Solution, Inc

Part # IS46TR16640C
Description  128MX8, 64MX16 1Gb DDR3 SDRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46TR16640C Datasheet(HTML) 78 Page - Integrated Silicon Solution, Inc

Back Button IS46TR16640C Datasheet HTML 74Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 75Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 76Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 77Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 78Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 79Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 80Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 81Page - Integrated Silicon Solution, Inc IS46TR16640C Datasheet HTML 82Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 89 page
background image
IS43/46TR16640C, IS43/46TR16640CL
IS43/46TR81280C, IS43/46TR81280CL
Integrated Silicon Solution, Inc. – www.issi.com –
78
Rev. E
12/27/2024
9.6 Data Setup, Hold and Slew Rate Derating
For all input signals the total tDS (setup time) and tDH (hold time) required is calculated by adding the data sheet
tDS(base) and tDH(base) value (see corresponding tables) to the
ΔtDS and ΔtDH (see corresponding tables) derating
value respectively. Example: tDS (total setup time) = tDS(base) +
ΔtDS.
Setup (tDS) nominal slew rate for a rising signal is defined as the slew rate between the last crossing of VREF(dc) and the
first crossing of V IH(ac) min. Setup (tDS) nominal slew rate for a falling signal is defined as the slew rate between the last
crossing of VREF(dc) and the first crossing of VIL(ac) max. If the actual signal is always earlier than the nominal slew rate
line between shaded ‘VREF(dc) to ac region’, use nominal slew rate for derating value. If the actual signal is later than the
nominal slew rate line anywhere between shaded ‘VREF(dc) to ac region’, the slew rate of a tangent line to the actual
signal from the ac level to VREF(dc) level is used for derating value.
Hold (tDH) nominal slew rate for a rising signal is defined as the slew rate between the last crossing of VIL(dc) max and
the first crossing of VREF(dc) . Hold (tDH) nominal slew rate for a falling signal is defined as the slew rate between the
last crossing of VIH(dc) min and the first crossing of VREF(dc). If the actual signal is always later than the nominal slew
rate line between shaded ‘dc level to VREF(dc) region’, use nominal slew rate for derating value. If the actual signal is
earlier than the nominal slew rate line anywhere between shaded ‘dc to V REF(dc) region’, the slew rate of a tangent line
to the actual signal from the dc level to VREF(dc) level is used for derating value.
For a valid transition the input signal has to remain above/below VIH/IL(ac) for some time tVAC.
Although for slow slew rates the total setup time might be negative (i.e. a valid input signal will not have reached
VIH/IL(ac) at the time of the rising clock transition) a valid input signal is still required to complete the transition and reach
VIH/IL(ac) .
For slew rates in between the values listed in the tables, the derating values may obtained by linear interpolation.
These values are typically not subject to production test. They are verified by design and characterization.
9.6.1 Data Setup and Hold Base-Values
Symbol
Reference
DDR3-800
DDR3-1066
DDR3-1333
DDR3-1600
DDR3-1866
DDR3-2133
Units
DDR3
tDS(base) AC175
VIH/L(ac),
SR= 1V/ns
75
25
-
-
-
-
ps
tDS(base) AC150
VIH/L(ac),
SR= 1V/ns
125
75
30
10
-
-
ps
tDS(base) AC135
VIH/L(ac),
SR= 1V/ns
165
115
60
40
-
-
ps
tDS(base) AC135
VIH/L(ac),
SR= 2V/ns
-
-
-
-
68
53
ps
tDH(base) DC100
VIH/L(dc),
SR= 1V/ns
150
100
65
45
-
-
ps
tDH(base) DC100
VIH/L(dc),
SR= 2V/ns
-
-
-
-
70
55
ps
DDR3L
tDS(base) AC160
VIH/L(ac),
SR= 1V/ns
90
40
-
-
-
-
ps
tDS(base) AC135
VIH/L(ac),
SR= 1V/ns
140
90
45
25
-
-
ps
tDS(base) AC130
VIH/L(ac),
SR= 2V/ns
-
-
-
-
70
55
ps
tDH(base) DC90
VIH/L(dc),
SR= 1V/ns
160
110
75
55
-
-
ps
tDH(base) DC90
VIH/L(dc),
SR= 2V/ns
-
-
-
-
75
60
ps
NOTE: (Note: AC/DC referenced for 2V/ns DQ-slew rate and 4V/ns DQS slew rate, or 1V/ns DQ-slew rate and 2V/ns DQS slew rate, as shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com